Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 33 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 33 Page - ams AG

Back Button AS3665 Datasheet HTML 29Page - ams AG AS3665 Datasheet HTML 30Page - ams AG AS3665 Datasheet HTML 31Page - ams AG AS3665 Datasheet HTML 32Page - ams AG AS3665 Datasheet HTML 33Page - ams AG AS3665 Datasheet HTML 34Page - ams AG AS3665 Datasheet HTML 35Page - ams AG AS3665 Datasheet HTML 36Page - ams AG AS3665 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
32 - 77
AS3665
Datasheet, Confidential - D e taile d D e scri pti on Gen eral Pu rpose Out pu t
General Purpose Output
The general purpose output ball can be used as an open drain PWM output pad, an ADC input or as a general purpose
open drain output.
The output pad GPO is controlled by register GPO_Control:
Analog to Digital Converter
The AS3665 has a built-in 10-bit successive approximation analog-to-digital converter (ADC). It is internally supplied
by C2V5, which is also the full-scale input range (0V defines the ADC zero-code). For input signal exceeding C2V5 (typ.
2.5V) a resistor divider is used to scale the input of the ADC converter.
Table 41 shows the resolution and input ranges.
The junction temperature can be calculated according to following formula (ADCTEMPCODE is the result of the ADC
conversion from channel 1h):
TJUNCTION [ºC] = ADCTOFFSET - ADCTC * ADCTEMPCODE
(EQ 1)
Table 39. LED_Control2 Register
Addr: 03h
LED_Control2 Register
Bit
Bit Name
Default Access
Description
7
GPO_on
0b
R/W
Enable PWM generator driving GPO
0
GPO PWM generator is off
1
GPO PWM generator is enabled
Table 40. GPO_Control Register
Addr: 04h
GPO_Control Register
Bit
Bit Name
Default Access
Description
1:0
gpo_mode
00b
R/W
Define operating mode of GPO ball
00
open drain PWM output
01
open drain output of signal gpo_signal
10
don’t use
11
2
gpo_signal
0b
R/W
Status of GPO ball if gpo_mode=01
0
active low
1
tristate or if used for ADC
Table 41. ADC Input Ranges
Channel
Pin or Signal
Input Range
VLSB
Note
0h
pin INT/AUDIO_IN if
used with audio buffer
0.0V - 2.5V
NA
see section Audio
Input on page 34
1h
junction temperature
ADCTEMPCODE
-30ºC - 125ºC
ADCTC
see EQ 1
3h-5h
INT/AUDIO_IN,
GPO, VBAT
0.0V - VBAT
ADCLSB
internal voltage
divider
6h-Fh
VOUT, LED1,
LED2...LED9
0.0V - VOUT
ADCLSB
internal voltage
divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com