Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 55 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 55 Page - ams AG

Back Button AS3665 Datasheet HTML 51Page - ams AG AS3665 Datasheet HTML 52Page - ams AG AS3665 Datasheet HTML 53Page - ams AG AS3665 Datasheet HTML 54Page - ams AG AS3665 Datasheet HTML 55Page - ams AG AS3665 Datasheet HTML 56Page - ams AG AS3665 Datasheet HTML 57Page - ams AG AS3665 Datasheet HTML 58Page - ams AG AS3665 Datasheet HTML 59Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
54 - 77
AS3665
Datasheet, Confidential - Prog ramming S equen ce r C o mmands
Loops can be nested without limits:
With the End/Interrupt command command program execution is stopped and optionally an interrupt is sent:
With the Trigger command internal (between sequencers) and external (between several AS3665) synchronization is
Table 78. Branch with variable Command
Branch with variable Command
Name
Bits
Bitname
Parameter Description
Branch with
variable
Compiler syntax: BRV, step number, variable;
D15:D9
1000011b
D8:D2
step number
0-127
jump to ‘step number’ for ‘variable’ times;
sets the PC of this sequencer = ‘step number’; in the compiler
‘step number’ can be defined by a label
D1:D0
variable
The content of the variable defines the number of loops performed
(0=infinite)
0
variable ra
1
variable rb
2
variable rc
3
variable rd
Table 79. End/Interrupt command Command
End/Interrupt command Command
Name
Bits
Bitname
Parameter Description
End/Interrupt
command
Compiler syntax: END, int, reset;
D15:D13
101b
D12
int
0
no interrupt is sent
1
send an interrupt (see Interrupt Generator on page 36) and
disable this sequencer
e.g. for sequencer 1, int3=1 and p1_en (see page 46) = 00
D11
reset
0
program counter is incremented by 1
1
program counter is reset to start address
e.g. for sequencer 1, PC1 = start_addr1
D10:D0
000_
00000000b
stop program execution by resetting px_mode
e.g. for sequencer 1, p1_mode (see page 47) = 00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com