Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 36 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 36 Page - ams AG

Back Button AS3665 Datasheet HTML 32Page - ams AG AS3665 Datasheet HTML 33Page - ams AG AS3665 Datasheet HTML 34Page - ams AG AS3665 Datasheet HTML 35Page - ams AG AS3665 Datasheet HTML 36Page - ams AG AS3665 Datasheet HTML 37Page - ams AG AS3665 Datasheet HTML 38Page - ams AG AS3665 Datasheet HTML 39Page - ams AG AS3665 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
35 - 77
AS3665
Datasheet, Confidential - D e taile d D e scri pti on Audi o I np ut
AGC (Automatic Gain Control)
The AGC is used to ‘compress’ the input signal and to attenuate very low input amplitude signals (this is performed to
ensure no light output for low signals especially for noisy input signals).
The AGC monitors the input signal amplitude and filters this amplitude with a filter with a short attack time, but a long
decay time (decay time depends on the register agc_ctrl). This amplitude measurement (represented by an integer
value from 0 to 15; the decay time of this measurement is controlled by agc_time) is then used to amplify or attenuate
the input signal with one of the following amplification ratios (output to input ratio) – the curve A, B, or C is selected
depending on the register agc_ctrl:
1
audio_cmdset
0b
R/W
Modifies the behavior for over/underflow with the
sequencer adder and subtract commands
0
A over/underflow rolls over
1
The adder/subtract command saturate
at zero and full scale
1
2
audio_buf_on
0b
R/W
Enable audio input buffer
0
Off
any selection of adc_select possible
1
On
adc_select=0 (audio buffer) mandatory
5:3
audio_buf_gain
000b
R/W
Audio input buffer gain setting
000
-12dB
001
-6dB
010
0dB
011
+6dB
100
+12dB
101
+18dB
110
+24dB
111
+30dB
7:6
reserved
00b
R/W
reserved - always set to 00b
1. For audio processing always set audio_cmdset=1
Table 46. AGC gain curves
Input Amplitude
AGC gain
curve A
curve B
curve C
0
0.0
0.0
0.0
1
7.5
5.0
3.5
2
7.0
4.0
3.0
3
4.5
3.5
2.5
4
3.5
3.0
2.0
5
3.0
2.5
1.5
6
2.5
2.5
1.5
Table 45. Audio_Control Register (Continued)
Addr: 1Ch
Audio_Control Register
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com