Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 41 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 41 Page - ams AG

Back Button AS3665 Datasheet HTML 37Page - ams AG AS3665 Datasheet HTML 38Page - ams AG AS3665 Datasheet HTML 39Page - ams AG AS3665 Datasheet HTML 40Page - ams AG AS3665 Datasheet HTML 41Page - ams AG AS3665 Datasheet HTML 42Page - ams AG AS3665 Datasheet HTML 43Page - ams AG AS3665 Datasheet HTML 44Page - ams AG AS3665 Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
40 - 77
AS3665
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n I
2C mode Serial Data Bus
I2C mode Serial Data Bus
The AS3665 supports the I
2C bus protocol. A device that sends data onto the bus is defined as a transmitter and a
device receiving data as a receiver. The device that controls the message is called a master. The devices that are
controlled by the master are referred to as slaves. A master device that generates the serial clock (SCL), controls the
bus access, and generates the START and STOP conditions must control the bus. The AS3665 operates as a slave on
the I
2C bus. Within the bus specifications a standard mode (100kHz maximum clock rate) and a fast mode (400kHz
maximum clock rate) are defined. The AS3665 works in both modes. Connections to the bus are made through the
open-drain I/O lines SDA and SCL.
I
2C Address selection
The slave address can be selected depending on the external resistor RADDR connected to the pin ADDR. The actual
address for reading and writing is selected according to Table 53.
The following bus protocol has been defined (Figure 21):
Data transfer may be initiated only when the bus is not busy.
During data transfer, the data line must remain stable whenever the clock line is HIGH. Changes in the data line
while the clock line is HIGH are interpreted as control signals.
Accordingly, the following bus conditions have been defined:
Bus Not Busy
Both data and clock lines remain HIGH.
Start Data Transfer
A change in the state of the data line, from HIGH to LOW, while the clock is HIGH, defines a START condition.
Stop Data Transfer
A change in the state of the data line, from LOW to HIGH, while the clock line is HIGH, defines the STOP condition.
Data Valid
The state of the data line represents valid data when, after a START condition, the data line is stable for the duration of
the HIGH period of the clock signal. The data on the line must be changed during the LOW period of the clock signal.
There is one clock pulse per bit of data.
Each data transfer is initiated with a START condition and terminated with a STOP condition. The number of data bytes
transferred between START and STOP conditions are not limited, and are determined by the master device. The
information is transferred byte-wise and each receiver acknowledges with a ninth bit.
Table 53. I
2C Address Selection
RADDR
I
2C Address1 for
1. This I
2C address has 8 bits and includes the R/W flag (LSB). If a 7 bits address is required, use the 7 MSBs.
Writing
Reading
> 320k
Ω (leave RADDR open)
80h
81h
320k
Ω
82h
83h
160k
Ω
84h
85h
80k
Ω
86h
87h
40k
Ω
88h
89h
20k
Ω
8Ah
8Bh
10k
Ω
8Ch
8Dh
0k
Ω (short to GND)
8Eh
8Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com