Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 23 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 23 Page - ams AG

Back Button AS3665 Datasheet HTML 19Page - ams AG AS3665 Datasheet HTML 20Page - ams AG AS3665 Datasheet HTML 21Page - ams AG AS3665 Datasheet HTML 22Page - ams AG AS3665 Datasheet HTML 23Page - ams AG AS3665 Datasheet HTML 24Page - ams AG AS3665 Datasheet HTML 25Page - ams AG AS3665 Datasheet HTML 26Page - ams AG AS3665 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
22 - 77
AS3665
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n C u r r e n t S o u r c e s
PWM Data Input Registers
Table 23. PWM_LED1, PWM_LED2...PWM_LED9, PWM_GPO Registers
Addr: 80h-89h
PWM_LED1, PWM_LED2...PWM_LED9, PWM_GPO Register
Addr
Bit
Name
Default Access
Description
80h
7:0
pwm_LED1
00h
R/W
PWM value for Current source on LED1
0LED1 Off
...
255
LED1 Full Scale
81h
7:0
pwm_LED2
00h
R/W
PWM value for Current source on LED2
0LED2 Off
...
255
LED2 Full Scale
82h
7:0
pwm_LED3
00h
R/W
PWM value for Current source on LED3
0LED3 Off
...
255
LED3 Full Scale
83h
7:0
pwm_LED4
00h
R/W
PWM value for Current source on LED4
0LED4 Off
...
255
LED4 Full Scale
84h
7:0
pwm_LED5
00h
R/W
PWM value for Current source on LED5
0LED5 Off
...
255
LED5 Full Scale
85h
7:0
pwm_LED6
00h
R/W
PWM value for Current source on LED6
0LED6 Off
...
255
LED6 Full Scale
86h
7:0
pwm_LED7
00h
R/W
PWM value for Current source on LED7
0LED7 Off
...
255
LED7 Full Scale
87h
7:0
pwm_LED8
00h
R/W
PWM value for Current source on LED8
0LED8 Off
...
255
LED8 Full Scale
88h
7:0
pwm_LED9
00h
R/W
PWM value for Current source on LED9
0LED9 Off
...
255
LED9 Full Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com