Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 61 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 61 Page - ams AG

Back Button AS3665 Datasheet HTML 57Page - ams AG AS3665 Datasheet HTML 58Page - ams AG AS3665 Datasheet HTML 59Page - ams AG AS3665 Datasheet HTML 60Page - ams AG AS3665 Datasheet HTML 61Page - ams AG AS3665 Datasheet HTML 62Page - ams AG AS3665 Datasheet HTML 63Page - ams AG AS3665 Datasheet HTML 64Page - ams AG AS3665 Datasheet HTML 65Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
60 - 77
AS3665
Datasheet, Confidential - Prog ramming S equen ce r C o mmands
Variable can be initialized to a constant value by the command ld (load):
Table 94. jne (jump <>) Command
jne (jump <>) Command
Name
Bits
Bitname
Parameter Description
jne (jump <>)
Compiler syntax: JNE, instructions skipped, variable 1, variable 2
D15:D9
1000111b
D8:D4
instructions
skipped
0-31
defines the number of instructions skipped, if
variable1 <> variable2 (not equal)
PC = PC + ‘instructions skipped’
D3:D2
variable 1
0
variable1 = ra
1
variable1 = rb
2
variable1 = rc
3
variable1 = rd
D1:D0
variable 2
0
variable2 = ra
1
variable2 = rb
2
variable2 = rc
3
variable2 = rd
Table 95. ld (load) Command
ld (load) Command
Name
Bits
Bitname
Parameter Description
ld (load)
Compiler syntax: LD target variable, value;
D15:D12
1001b
(9h)
D11:D10 target variable
0
set ra = value
1
set rb = value
2
set rc = value
3
don’t use
D9:D8
00b
D7:D0
value
0-255
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com