Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 73 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 73 Page - ams AG

Back Button AS3665 Datasheet HTML 69Page - ams AG AS3665 Datasheet HTML 70Page - ams AG AS3665 Datasheet HTML 71Page - ams AG AS3665 Datasheet HTML 72Page - ams AG AS3665 Datasheet HTML 73Page - ams AG AS3665 Datasheet HTML 74Page - ams AG AS3665 Datasheet HTML 75Page - ams AG AS3665 Datasheet HTML 76Page - ams AG AS3665 Datasheet HTML 77Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
72 - 77
AS3665
Datasheet, Confidential - R e giste rmap Se quencer Comma nds
Temp_Sense_
Control
0Eh 00h
cp_skip_
status
Audio_AGC
1Dh 00h audio_di
s_start
audio_m
an_start
LED_High_Voltage
_Status
1Eh 00h LED8_lhi
gh_volt
LED7_hi
gh_volt
LED6_hi
gh_volt
LED5_hi
gh_volt
LED4_hi
gh_volt
LED3_hi
gh_volt
LED2_hi
gh_volt
LED1_hi
gh_volt
Mux1_LSB
20h 00h s1_led8
s1_led7
s1_led6
s1_led5
s1_led4
s1_led3
s1_led2
s1_led1
Mux2_LSB
21h 00h s2_led8
s2_led7
s2_led6
s2_led5
s2_led4
s2_led3
s2_led2
s2_led1
Mux3_LSB
22h 00h s3_led8
s3_led7
s3_led6
s3_led5
s3_led4
s3_led3
s3_led2
s3_led1
Mux1_MSB
24h 00h
s1_gpo
s1_led9
Mux2_MSB
25h 00h
s2_gpo
s2_led9
Mux3_MSB
26h 00h
s3_gpo
s3_led9
Trigger_Wait1
28h 00h
ext_trigg
er
ch3_trigg
er
ch2_trigg
er
Trigger_Wait2
29h 00h
ext_trigg
er
ch3_trigg
er
ch1_trigg
er
Trigger_Wait3
2Ah 00h
ext_trigg
er
ch2_trigg
er
ch1_trigg
er
Audio_Result
2Fh 00h
audio_result
Page_Select
5Fh 00h
loop_cou
nter_sele
ct
see Table 107 on page 68
Table1_StartAddr C4h 00h
table_start1
Table2_StartAddr C5h 00h
table_start2
Table3_StartAddr C6h 00h
table_start3
Table1_EndAddr
C8h 00h
table_end1
Table2_EndAddr
C9h 00h
table_end2
Table3_EndAddr
Cah 00h
table_end3
Table1_Pointer
Cch 00h
table_ptr1
Table2_Pointer
Cdh 00h
table_ptr2
Table3_Pointer
Ceh 00h
table_ptr3
Register is R/W
Register is read-only
Table 108. Information Registers (only for demoboard software) (Continued)
Register
Definition
Content
Name
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com