Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 6 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 6 Page - ams AG

Back Button AS3665 Datasheet HTML 2Page - ams AG AS3665 Datasheet HTML 3Page - ams AG AS3665 Datasheet HTML 4Page - ams AG AS3665 Datasheet HTML 5Page - ams AG AS3665 Datasheet HTML 6Page - ams AG AS3665 Datasheet HTML 7Page - ams AG AS3665 Datasheet HTML 8Page - ams AG AS3665 Datasheet HTML 9Page - ams AG AS3665 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
5 - 77
AS3665
Datasheet, Confidential - Elect rical Chara c t e ri st ics P i n D e scri pti o n
6 Electrical Characteristics
VVBAT = +2.7V to +5.5V, TAMB = -30ºC to +85ºC, unless otherwise specified. Typical values are at VVBAT = +3.6V, TAMB
= +25ºC, unless otherwise specified.
Table 3. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
General Operating Conditions
VVBAT
Supply Voltage
2.7
3.6
5.5
V
VVBATREDU
CED_FUNC
Supply Voltage
AS3665 functionally working, but not all
parameters fulfilled
2.5
2.7
V
ISHUTDOWN
Shutdown Current
0.4
1.3
µA
ISTANBY
Standby mode Current
I
2C interface active
1.6
6.0
µA
IACTIVE
Active mode Current
I
2C interface active
Internal oscillator running, program executed
300
µA
ICP1:1.5
Charge Pump Current
Charge pump operating in 1:1.5 mode,
no load current
0.7
mA
TAMB
Operating
Temperature
-30
25
85
ºC
Charge Pump
VVOUT
Charge Pump output
Voltage (pin VOUT)
Internally Limited
5.5
V
IVOUT
Charge Pump output
current
0.0
150
mA
η
Efficiency
75
%
fCLK
Operating Frequency
All internal timings are derived from this
oscillator if no clock is applied on pin CLK32K
-10%
2.0
+10%
MHz
RCP
Charge pump
effective resistance
VVBAT>=3.3V, ILED=100mA
1:1 Mode
0.65
Ω
1:1.5 Mode
3.3
Ω
Current Sources
ILED1..9
LED1...LED9 output
current range
0.0
25.5
mA
ILED1..9
Δ
LED1...LED9 current
source accuracy
ILED = 17.5mA
-7
+7
%
ILED1..9
MATCH
LED1...LED9 current
source matching
ILED = 17.5mA
2.5
%
ILED1..9
LEAKAGE
LED1...LED9 leakage
current
current source off
-5
0
+5
µA
VILED_COMP
LED1...LED9 current
source voltage
compliance
Minimum voltage between pin VOUT and
LED1...LED9 or VBAT and LED7...LED9
100
mV
ADC
ADCRES
ADC resolution
10
Bits
ADCINL
ADC Integral non-
linearity
-2
±0.2
+2
LSB
ADCDNL
ADC differential non-
linearity
-2
±0.25
+2
LSB
ADCLSB
LSB of ADC
conversion
6.1
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com