Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 53 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 53 Page - ams AG

Back Button AS3665 Datasheet HTML 49Page - ams AG AS3665 Datasheet HTML 50Page - ams AG AS3665 Datasheet HTML 51Page - ams AG AS3665 Datasheet HTML 52Page - ams AG AS3665 Datasheet HTML 53Page - ams AG AS3665 Datasheet HTML 54Page - ams AG AS3665 Datasheet HTML 55Page - ams AG AS3665 Datasheet HTML 56Page - ams AG AS3665 Datasheet HTML 57Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
52 - 77
AS3665
Datasheet, Confidential - Prog ramming S equen ce r C o mmands
Ramping of PWM(s) dependent on variables is achieved by the Ramp with variable command shown in Table 74. This
command also can be used to wait for a defined time in the program execution (if number of increments = 0).
Table 74. Ramp with variable Command
Ramp with variable Command
Ramps the PWM of the selected PWM generator up or down;
if the number of increments is zero, it simply waits
Name
Bits
Bitname
Parameter Description
Ramp with
variable
Compiler syntax: RWV, prescale, sign, variable for step, variable for number of increments;
D15:D6
10000100_
00b
D5
prescale
0
each step has 16 clock cycles (typ. 0.49ms at 32768Hz)
1
each step has 512 clock cycles (typ. 15.6ms at 32768Hz)
the clock generation is described in section Clock Generation on page 14
D4
sign
0
ramp up, always increment by 1; 255 is maximum value
1
ramp down, always decrement by 1; 0 is minimum value
D3:D2
variable for
step
The content of the variable defines the duration between single
increments/decrements; e.g. if variable rx=8, prescale=0, sign=0, the
duration between every increment is typically 0.49ms*8 = 3.92ms
0
variable ra
1
variable rb
2
variable rc
3
variable rd
D1:D0
variable for
number of
increments
If the content of the variable rx is
0 then wait for duration defined by prescale and D3:D2
1-255 then it defines the number of actual cycles in a single ramp
command (e.g. 255 defines a full scale ramp)
0
variable ra
1
variable rb
2
variable rc
3
variable rd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com