Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 7 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 7 Page - ams AG

Back Button AS3665 Datasheet HTML 3Page - ams AG AS3665 Datasheet HTML 4Page - ams AG AS3665 Datasheet HTML 5Page - ams AG AS3665 Datasheet HTML 6Page - ams AG AS3665 Datasheet HTML 7Page - ams AG AS3665 Datasheet HTML 8Page - ams AG AS3665 Datasheet HTML 9Page - ams AG AS3665 Datasheet HTML 10Page - ams AG AS3665 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
6 - 77
AS3665
Datasheet, Confidential - Elect rical Chara c t e ri st ics P i n D e scri pti o n
ADCTOFFSE
T
ADC temperature
measurement offset
value
393
ºC
ADCTC
Code temperature
coefficient
1.322
ºC/
Code
TTOL
Temperature sensor
accuracy
-10
+10
ºC
Audio Input
RAUDIO_IN Audio Input resistance
pin INT/AUDIO_IN if used as analog input;
at maximum input gain (+30dB)
20
k
Ω
Digital Interface
VIH
High Level Input
Voltage
Pins SDA, SCL, EN, CLK32K, TRIG,
INT/AUDIO_IN, GPO
1
1.26
VVBAT
V
VIL
Low Level Input
Voltage
0.0
0.54
V
VOL
Low Level Output
Voltage
Pins SDA, TRIG, INT/AUDIO_IN, GPO
IOL=3mA
0.2
V
ILEAK
Leakage Current
Pins SDA, SCL, EN, CLK32K, TRIG, INT/
AUDIO_IN, GPO
0.01
1.0
µA
I
2C mode timings - see Figure 3 on page 7
fSCLK
SCL Clock Frequency
0
400
kHz
tBUF
Bus Free Time
Between a STOP and
START Condition
1.3
µs
tHD:STA
Hold Time (Repeated)
START Condition
2
0.6
µs
tLOW
LOW Period of SCL
Clock
1.3
µs
tHIGH
HIGH Period of SCL
Clock
0.6
µs
tSU:STA
Setup Time for a
Repeated START
Condition
0.6
µs
tHD:DAT
Data Hold Time
3
00.9
µs
tSU:DAT
Data Setup Time
4
100
ns
tR
Rise Time of Both
SDA and SCL Signals
20 +
0.1CB
300
ns
tF
Fall Time of Both SDA
and SCL Signals
20 +
0.1CB
300
ns
tSU:STO
Setup Time for STOP
Condition
0.6
µs
CB
Capacitive Load for
Each Bus Line
CB — total capacitance of one bus line in pF
400
pF
CI/O
I/O Capacitance
(SDA, SCL)
10
pF
tTIMEOUT
I
2C timeout
If SCL and SDA are low for longer than this
time, the AS3665 is switched into shutdown
mode
5
100
ms
Table 3. Electrical Characteristics (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com