Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 25 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 25 Page - ams AG

Back Button AS3665 Datasheet HTML 21Page - ams AG AS3665 Datasheet HTML 22Page - ams AG AS3665 Datasheet HTML 23Page - ams AG AS3665 Datasheet HTML 24Page - ams AG AS3665 Datasheet HTML 25Page - ams AG AS3665 Datasheet HTML 26Page - ams AG AS3665 Datasheet HTML 27Page - ams AG AS3665 Datasheet HTML 28Page - ams AG AS3665 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
24 - 77
AS3665
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n C u r r e n t S o u r c e s
9Dh
7:0
fader3
00h
R/W
Global Fader3 value
0Off
...
255
Full Scale
Table 26. Temp_Sense_ Control Register
Addr: 0Eh
Temp_Sense_ Control Register
Bit
Bit Name
Default Access
Description
0
temp_int_ext
0b
R/W
The RGB color correction uses internal/external
source for temperature compensation
(see RGB Color Correction on page 16)
0
I
2C register led_temp is used
1
internal junction temperature measured
1
1
temp_sens_on
0b
R/W
Internal temperature sensor enable
0
Internal temperature sensor off
1
Internal temperature sensor on
2
temp_meas_busy
0b
R
Internal temperature sensor busy status signal
0
Internal temperature sensor off or not busy
1
Internal temperature sensor busy
1. Set temp_sens_on=1
Table 27. LED_Temp Register
Addr: 1Fh
LED_Temp Register
Bit
Bit Name
Default Access
Description
7:0
led_temp
00h
R/W
Value used for RGB color correction if temp_int_ext=1
(see RGB Color Correction on page 16)
185
-30ºC
142
25ºC
96
+85ºC
Table 25. Fader1, Fader2 and Fader3 Registers (Continued)
Addr: 9B-9Dh
Fader1, Fader2 and Fader3 Register
Addr
Bit
Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com