Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 72 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 72 Page - ams AG

Back Button AS3665 Datasheet HTML 68Page - ams AG AS3665 Datasheet HTML 69Page - ams AG AS3665 Datasheet HTML 70Page - ams AG AS3665 Datasheet HTML 71Page - ams AG AS3665 Datasheet HTML 72Page - ams AG AS3665 Datasheet HTML 73Page - ams AG AS3665 Datasheet HTML 74Page - ams AG AS3665 Datasheet HTML 75Page - ams AG AS3665 Datasheet HTML 76Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
71 - 77
AS3665
Datasheet, Confidential - R e giste rmap Se quencer Comma nds
Variable_A2
B9h 00h
var_a2
Variable_A3
BAh 00h
var_a3
Variable_C
BBh 00h
var_c
Variable_B1
Bch 00h
var_b1
Variable_B2
Bdh 00h
var_b2
Variable_B3
BEh 00h
var_b3
SRAM0
D0h 00h
sram_0
SRAM1
D1h 00h
sram_1
SRAM2
D2h 00h
sram_2
SRAM3
D3h 00h
sram_3
SRAM4
D4h 00h
sram_4
SRAM5
D5h 00h
sram_5
SRAM6
D6h 00h
sram_6
SRAM7
D7h 00h
sram_7
SRAM8
D8h 00h
sram_8
SRAM9
D9h 00h
sram_9
SRAM10
Dah 00h
sram_10
SRAM11
Dbh 00h
sram_11
SRAM12
Dch 00h
sram_12
SRAM13
Ddh 00h
sram_13
SRAM14
Deh 00h
sram_14
SRAM15
Dfh 00h
sram_15
Program_Direct_A
ccess
FEh 00h
96x16_bits_instruction_code
see Program Direct Access on page 43
Register is R/W
Register is read-only
Table 108. Information Registers (only for demoboard software)
Register
Definition
Content
Name
b7
b6
b5
b4
b3
b2
b1
b0
CP_Mode_Switch 06h 00h LED9_hi
gh_volt
LED9_lo
w_volt
see Table 107 on page 68
LED_Low_Voltage
_Status
07h 00h LED8_lo
w_volt
LED7_lo
w_volt
LED6_lo
w_volt
LED5_lo
w_volt
LED4_lo
w_volt
LED3_lo
w_volt
LED2_lo
w_volt
LED1_lo
w_volt
Table 107. Register Map (Continued)
Register
Definition
Content
Name
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com