Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 62 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 62 Page - ams AG

Back Button AS3665 Datasheet HTML 58Page - ams AG AS3665 Datasheet HTML 59Page - ams AG AS3665 Datasheet HTML 60Page - ams AG AS3665 Datasheet HTML 61Page - ams AG AS3665 Datasheet HTML 62Page - ams AG AS3665 Datasheet HTML 63Page - ams AG AS3665 Datasheet HTML 64Page - ams AG AS3665 Datasheet HTML 65Page - ams AG AS3665 Datasheet HTML 66Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
61 - 77
AS3665
Datasheet, Confidential - Prog ramming S equen ce r C o mmands
A constant value can be added to a variable with the command add number:
Variable are added together with the command add variable:
Table 96. add number Command
add number Command
Name
Bits
Bitname
Parameter Description
add number
Compiler syntax: ADN, target variable, value;
D15:D12
1001b
(9h)
D11:D10 target variable
0
set ra = ra + value
1
set rb = rb + value
2
set rc = rc + value
3
don’t use
D9:D8
01b
D7:D0
value
0-255
value
Table 97. add variable Command
add variable Command
Name
Bits
Bitname
Parameter Description
add variable
Compiler syntax: ADV, target variable, variable 1, variable 2;
D15:D12
1001b
(9h)
D11:D10 target variable
0
set ra = variable1 + variable2
1
set rb = variable1 + variable2
2
set rc = variable1 + variable2
3
don’t use
D9:D4
110000b
D3:D2
variable 1
0
variable1 = ra
1
variable1 = rb
2
variable1 = rc
3
variable1 = rd
D1:D0
variable 2
0
variable2 = ra
1
variable2 = rb
2
variable2 = rc
3
variable2 = rd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com