Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 9 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 9 Page - ams AG

Back Button AS3665 Datasheet HTML 5Page - ams AG AS3665 Datasheet HTML 6Page - ams AG AS3665 Datasheet HTML 7Page - ams AG AS3665 Datasheet HTML 8Page - ams AG AS3665 Datasheet HTML 9Page - ams AG AS3665 Datasheet HTML 10Page - ams AG AS3665 Datasheet HTML 11Page - ams AG AS3665 Datasheet HTML 12Page - ams AG AS3665 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
8 - 77
AS3665
Datasheet, Confidential - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VVBAT = 3.6V, TA = +25ºC (unless otherwise specified).
Figure 4. Efficiency vs. Battery voltage, ILEDS=50mA
Figure 5. IVBAT vs. Battery voltage, ILEDS=50mA
40
45
50
55
60
65
70
75
80
85
90
95
2.6
3
3.4
3.8
4.2
Input Voltage (V)
White LED,2.85V,full Bias
White LED,2.85V, 1/4 bias
RGB LATBG66,full bias
RGB LATBG66, 1/4bias
full bias = LEDX_max=25.5mA
1/4 bias = LEDX_max=6.3mA
30
35
40
45
50
55
60
65
70
75
80
85
90
2.6
3
3.4
3.8
4.2
Input Voltage (V)
White LED,2.85V,full Bias
White LED,2.85V, 1/4 bias
RGB LATBG66,full bias
RGB LATBG66, 1/4bias
full bias = LEDX_max=25.5mA
1/4 bias = LEDX_max=6.3mA
Figure 6. ILEDS vs. Battery voltage
Figure 7. ILED1 Linearity of current source vs. Code
full bias = LEDX_max=25.5mA
1/4 bias = LEDX_max=6.3mA
48
49
50
51
52
2.6
3
3.4
3.8
4.2
Input Voltage (V)
White LED,2.85V,full Bias
White LED,2.85V, 1/4 bias
RGB LATBG66,full bias
RGB LATBG66, 1/4bias
0
5
10
15
20
25
0
50
100
150
200
250
Digital Code
TAM B=25deg
TAM B=85deg
TAM B=-25deg
Figure 8. ILED1 Monotony of current source vs. Code
Figure 9. Logarithmic PWM ramp
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
50
100
150
200
250
Digital Code
TAM B=25deg
TAM B=85deg
TAM B=-25deg
0
5
10
15
20
25
0
50
100
150
200
250
Digital Code
ILED
IBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com