Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 30 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 30 Page - ams AG

Back Button AS3665 Datasheet HTML 26Page - ams AG AS3665 Datasheet HTML 27Page - ams AG AS3665 Datasheet HTML 28Page - ams AG AS3665 Datasheet HTML 29Page - ams AG AS3665 Datasheet HTML 30Page - ams AG AS3665 Datasheet HTML 31Page - ams AG AS3665 Datasheet HTML 32Page - ams AG AS3665 Datasheet HTML 33Page - ams AG AS3665 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
29 - 77
AS3665
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n C h a r g e P u m p
Charge Pump
The charge pump used the two flying capacitors CFLY1 and CFLY2 to operate in 1:1, 1:1.5 and 1:2 mode boosting the
input supply VBAT to VOUT (shown in Figure 19). An implemented soft start mechanism reduces the inrush current.
Battery current is smoothed when switching the charge pump on and also at each switching condition. This precaution
reduces electromagnetic radiation significantly.
Figure 19. Charge Pump
Table 36. Driver_Setup9 Register
Addr: A8h
Driver_Setup9 Register
Bit
Bit Name
Default Access
Description
4:0
color_slope9
00h
R/W
LED9 RGB Color Correction (see page 16) slope
00h
RGB Color Correction disabled
01h
+0.15%/ºC
...
...
0Fh
+2.263%/ºC
11h
-2.263%/ºC
...
...
1Fh
-0.15%/ºC
5
loglin9
1b
R/W
LED9 Logarithmic/Linear Ramping (see page 16)
0
linear ramping/dimming
1
logarithmic ramping/dimming
7:6
fader_src9
00b
R/W
LED9 Faders (see page 16)
00
fader disabled
01
use fader1 (see page 23)
10
use fader2
11
use fader3



!
"#
"#


$
%
$
%
& 
'(



) *+ ,
'(
'(-
 .*
. *
 ,
&
+ /
0/ &
AS3665



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com