Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 2 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 2 Page - ams AG

  AS3665 Datasheet HTML 1Page - ams AG AS3665 Datasheet HTML 2Page - ams AG AS3665 Datasheet HTML 3Page - ams AG AS3665 Datasheet HTML 4Page - ams AG AS3665 Datasheet HTML 5Page - ams AG AS3665 Datasheet HTML 6Page - ams AG AS3665 Datasheet HTML 7Page - ams AG AS3665 Datasheet HTML 8Page - ams AG AS3665 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 78 page
background image
www.austriamicrosystems.com (ptr)
Revision 1.0.2
1 - 77
Datasheet,Confidential
AS3665
9 Channel Advanced Command Driven RGB/White LED Driver
1 General Description
The AS3665 is a capacitive low noise charge pump with
9 current sources. The charge pump automatically
switches between 1:1 and 1:1.5 modes. The connected
current sources have a very low voltage compliance to
improve efficiency of the whole system. Three current
sources have the possibility to operate either from VBAT
or VCP (especially useful for red LEDs).
The internal control is done by command based pattern
generators implemented by three sequencers. These
commands are optimized for lighting applications (e.g.
ramp up brightness logarithmically). It includes high
level commands like conditionals jumps and variables.
Any of the three sequencers can be dynamically
mapped to any of the 9 PWM generators for the LEDs.
The AS3665 supports an audio input and sophisticated
light patterns can be controlled by internal digital filters.
The AS3665 is controlled by I
2C mode. Synchronization
over several AS3665 is possible by the TRIG pin.
The AS3665 is available in a space-saving WL-CSP-25
(2.610x2.675mm) 0.5mm pitch and operates over the -
30ºC to +85ºC temperature range.
Figure 1. Typical Operating Circuit
2 Key Features
High efficiency capacitive 150mA charge pump with
1:1, 1:1.5 and 1:2 modes with automatic mode
switching; 1:2 mode can be disabled
9 Channel High Side 20mA Current sources
- Less than 50mV at 10mA dropout voltage
- LED7,8,9 either powered by VBAT or VCP
Advanced Command based Pattern Generator
- 96 x 16 bits program memory
- Dedicated lighting commands like logarithmic fade
- Programming control and conditional jumps
Audio Controlled Lighting with internal digital filters
3 Sequencers
- Dynamically mapped to 9 PWM generators
- Internal/External Synchronization
9 PWM generators (12 bit resolution)
- Automatic RGB Color Correction by TAMB
I
2C interface with dedicated EN pin
Available in WL-CSP-25 (2.610x2.675mm) 0.5mm
pitch
3 Applications
RGB/White Fun or Event LED for mobile phones or por-
table devices; Lighting Management Unit


!
"
"#$ % &
!' #& !
$$ #
#$ (
)
$
* #&
+#&
# , $ #

-.
/02
23
45/#2
23
45/#2
/02
!
&
#
)
)
) 6
) 4
)
) 7
) 5
) 8
) 9


:
;
:
;
<
)
=6 =
>"<
"
?. "-@"
< -
>
 

/02
>
>
AS3665



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com