Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 64 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 64 Page - ams AG

Back Button AS3665 Datasheet HTML 60Page - ams AG AS3665 Datasheet HTML 61Page - ams AG AS3665 Datasheet HTML 62Page - ams AG AS3665 Datasheet HTML 63Page - ams AG AS3665 Datasheet HTML 64Page - ams AG AS3665 Datasheet HTML 65Page - ams AG AS3665 Datasheet HTML 66Page - ams AG AS3665 Datasheet HTML 67Page - ams AG AS3665 Datasheet HTML 68Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
63 - 77
AS3665
Datasheet, Confidential - Prog ramming S equen ce r C o mmands
With the command Get ADC, data can be fetched from the audio filter (See Audio Input on page 34):
Memory Operation Command - load/store SRAM
Table 100. Get ADC Command
Get ADC Command
Name
Bits
Bitname
Parameter Description
Get ADC
Compiler syntax: GET, target variable;
D15:D4
10001010_
0010b
(8A2h)
D3:D0
target variable
0h
set ra = value from ADC or filter
5h
set rb = value from ADC or filter
Ah
set rc = value from ADC or filter
Fh
set rd = value from ADC or filter
other
values
don’t use
Table 101. Load SRAM Command
Load SRAM Command
Name
Bits
Bitname
Parameter Description
Load SRAM
Compiler syntax: LDS, R/W, source/target variable;
D15:D9
1000_111b
(87h)
D8
R/W
Load from or store to SRAM (Register SRAM0, SRAM1...SRAM15)
0
Read from SRAM: SRAM -> target variable
1
Write to SRAM: source variable -> SRAM
D7:D4
SRAM
Address
Define SRAM address register to load from or store to
0
sram_0
1
sram_1
...
...
F
sram_15
D3:D0
source/target
variable
Set source variable for read or target variable for write
0h
ra
5h
rb
Ah
rc
Fh
rd
other
values
don’t use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com