Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 143 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 143 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 139Page - STMicroelectronics L9779WD Datasheet HTML 140Page - STMicroelectronics L9779WD Datasheet HTML 141Page - STMicroelectronics L9779WD Datasheet HTML 142Page - STMicroelectronics L9779WD Datasheet HTML 143Page - STMicroelectronics L9779WD Datasheet HTML 144Page - STMicroelectronics L9779WD Datasheet HTML 145Page - STMicroelectronics L9779WD Datasheet HTML 146Page - STMicroelectronics L9779WD Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 170 page
background image
DocID027452 Rev 5
143/170
L9779WD
Functional description
169
STEP_CNT_H
STEPPER COUNTER HIGH
Address:
1000b
Type:
R
Reset:
0000 0000
Upstream read block 7
DIA_REG12
0000b
Diagnostic register 12
-
RD_DATA7
DIA_REG12
0100b
Diagnostic register 12
-
RD_DATA7
RESP
1000b
Response to WDA
register
-RD_DATA7
RESPTIME
1100b
MSC RESPTIME
register
-RD_DATA7
Upstream read block 8
RESPTIME
0001b
-
-
RD_DATA8
REQULO
0101b
-
-
RD_DATA8
REQUHI
1001b
-
-
RD_DATA8
AB1_COUNTER
1101b
-
-
RD_DATA8
CONTR_REG1
-
Command for
OUTn, IGNn
See Control Registers
CONTR_REG1 to 4
Data frame
---
CONTR_REG2
-
Data frame
---
CONTR_REG3
-
Data frame
---
CONTR_REG4
-
Data frame
---
Table 73. Registers (continued)
Register
Address
Description
Written by
Read by
7
6
5
43210
LINEUP2
LINEUP1
RESERVED
CNT[9:5]
R
[7] LINEUP2: used to assure the alignment of high and low part of the counter
[6] LINEUP1: used to assure the alignment of high and low part of the counter
[5] RESERVED: not used
[4:0] CNT[9:5]: high part of steps count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com