Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 139 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 139 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 135Page - STMicroelectronics L9779WD Datasheet HTML 136Page - STMicroelectronics L9779WD Datasheet HTML 137Page - STMicroelectronics L9779WD Datasheet HTML 138Page - STMicroelectronics L9779WD Datasheet HTML 139Page - STMicroelectronics L9779WD Datasheet HTML 140Page - STMicroelectronics L9779WD Datasheet HTML 141Page - STMicroelectronics L9779WD Datasheet HTML 142Page - STMicroelectronics L9779WD Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 170 page
background image
DocID027452 Rev 5
139/170
L9779WD
Functional description
169
MRD_REACT
CSB
: command selection bit - always '1'
C(5...0) : command bit
CD(7...0): command data bit
This command allows to the uC to turn on the MRD if it was switched off due to over current.
RD_SINGLE
CSB
: command selection bit - always '1'
C(5...0) : command bit
CD(7...0): command data bit to select the register to be read. NB: CD(7..6) must be 0.
This command allows to read one register at a time. The register to be read is specified
through the command data field and is encoded with a Hamming distance at least of 2
according to the following table:
Table 69. MRD_REACT
Command
CSB
C(5..0)
CD(7..0)
MRD_REACT
1
1 0 0 1 1 1
X X X X X X X X
Table 70. RD_SINGLE
Command
CSB
C(5..0)
CD(7..0)
RD_SINGLE
1
1 0 1 0 0 0
0 0 CD(5..0)
Table 71. Register through the command data field
#
CD(5:0)
Register
Description
1
000011
R CONFIG_REG1
MRD_OT_DIS, OUT8 short to VB filter time and threshold
2
000101
R CONFIG_REG2
LS_IGN_OFF, OUT9 short to VB filter time and threshold
3
000110
R CONFIG_REG3
VRS edge and feedback position selection
4
001001
R CONFIG_REG4
lock status/slew-rate/upstream clock ratio/off state
diagnosis/power latch mode config
5
001010
R CONFIG_REG5
VRS config/MSC monitoring status/OUT21-28 config
6
001100
R CONFIG_REG6
PSOFF/power latch mode enable flag/reset generation
flag/can error enable flag
7
001111
R CONFIG_REG7
low battery setting status to OUT 13,14,24,25/TD mask
type/IGN diagnosis type
8
111001
R CONFIG_REG8
WDA RESP
9
111010
R CONFIG_REG9
RESPTIME
10
111100
R CONFIG_REG10
CPS CONF
11
010001
R DIA_REG1
diagnosis bit of OUT 1,2,3,4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com