Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 137 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 137 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 133Page - STMicroelectronics L9779WD Datasheet HTML 134Page - STMicroelectronics L9779WD Datasheet HTML 135Page - STMicroelectronics L9779WD Datasheet HTML 136Page - STMicroelectronics L9779WD Datasheet HTML 137Page - STMicroelectronics L9779WD Datasheet HTML 138Page - STMicroelectronics L9779WD Datasheet HTML 139Page - STMicroelectronics L9779WD Datasheet HTML 140Page - STMicroelectronics L9779WD Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 170 page
background image
DocID027452 Rev 5
137/170
L9779WD
Functional description
169
If a new read command is received while the current 4 up-stream communication is active,
the 16 bit up-stream on-going is completed and after the inter-frame bit it is sent the new 4
register up-stream sequence requested.
WR_CONFIG1, 2, 3, 4, 5, 6, 7, WR_RESP, WR_RESPTIME
CSB
: command selection bit - always '1'
C(5...0) : command bit
CD(7...0): command data bit
Writes the register CONFIG_REG1, 2, 3, 4, 5, 6, 7
Lock, unlock
CSB
: command selection bit - always '1'
C(5...0) : command bit
CD(7...0): command data bit
This command disables ("lock") writing of all configuration registers. The commands have
no relevant data as command data bit - they may be set to '1' or '0'.
The registers RESP and RESPTIME are not affected by LOCK command (i.e. they cannot
be locked)
Default state is configuration registers not locked.
The content of a lockable bit is valid both if the bit is locked or if it is unlocked. Writing data
to the bit is possible if the bit is unlocked; the new values become valid during execution of
the write command.
Table 65. WR_CONFIG1, 2, 3, 4, 5, 6, 7, WR_RESP, WR_RESPTIME
Command
CSB
C(5..0)
CD(7..0)
WR_CONFIG1
1
0 0 1 1 1 1
CONFIG1(7:0)
WR_CONFIG2
1
0 1 0 0 0 1
CONFIG2(7:0)
WR_CONFIG3
1
0 1 0 0 1 0
CONFIG3(7:0)
WR_CONFIG4
1
0 1 0 1 0 0
CONFIG4(7:0)
WR_CONFIG5
1
0 1 0 1 1 1
CONFIG5(7:0)
WR_CONFIG6
1
0 1 1 0 0 0
CONFIG6(7:0)
WR_CONFIG7
1
0 1 1 0 1 1
CONFIG7(7:0)
WR_RESP
1
1 0 0 1 0 0
RESP
WR_RESPTIME
1
1 1 0 0 0 0
WDA_RESPTIME
WR_CPS
1
1 1 0 0 1 1
CPS
Table 66. Lock, unlock
Command
CSB
C(5..0)
CD(7..0)
Lock
1
0 1 1 1 0 1
X X X X X X X X
Unlock
1
0 1 1 1 1 0
X X X X X X X X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com