Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 133 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 133 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 129Page - STMicroelectronics L9779WD Datasheet HTML 130Page - STMicroelectronics L9779WD Datasheet HTML 131Page - STMicroelectronics L9779WD Datasheet HTML 132Page - STMicroelectronics L9779WD Datasheet HTML 133Page - STMicroelectronics L9779WD Datasheet HTML 134Page - STMicroelectronics L9779WD Datasheet HTML 135Page - STMicroelectronics L9779WD Datasheet HTML 136Page - STMicroelectronics L9779WD Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 170 page
background image
DocID027452 Rev 5
133/170
L9779WD
Functional description
169
Figure 83. Cycle time diagram
Table 62. Time electrical characteristics
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
CLP, CLN
VCLP,
VCLN
Input voltage range
Not to be tested. It is an
application note.
0.8
-
1.6
V
VCLdiff
Differential input voltage
VCLdiff =|VCLP-VCLN|
150
-
450
mV
VCLdiff
Input voltage offset
VCLdiff =0.5*(VCLP+VCLN)
1-
1.4
V
Rcl
EXTERNAL Resistor between
CLP and CLN
-100
-
Rpu_N
Internal pull-up resistor
-
100
200
400
k
Rpd_P
Internal pull-down resistor
-
100
200
400
k
VCL_high
Differential input high detection
level
VCL_high= VCLP_high - VCLN_high
-100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com