Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 134 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 134 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 130Page - STMicroelectronics L9779WD Datasheet HTML 131Page - STMicroelectronics L9779WD Datasheet HTML 132Page - STMicroelectronics L9779WD Datasheet HTML 133Page - STMicroelectronics L9779WD Datasheet HTML 134Page - STMicroelectronics L9779WD Datasheet HTML 135Page - STMicroelectronics L9779WD Datasheet HTML 136Page - STMicroelectronics L9779WD Datasheet HTML 137Page - STMicroelectronics L9779WD Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 170 page
background image
Functional description
L9779WD
134/170
DocID027452 Rev 5
CLP, CLN
VCL_low
Differential input low detection
level
VCL_low= VCLP_low- VCLN_low
--100
-
-
mV
DIP, DIN
VDIP,
VDIN
Input voltage range
Not to be tested. It is an
application note.
0.8
-
1.6
V
VDIdiff
Differential input voltage
VDIdiff =|VDIP-VDIN|
150
-
450
mV
VDIdiff
Input voltage offset
VDIdiff =0.5*(VCLP+VCLN)
1-
1.4
V
Rcl
Resistor between DIP and DIN
-
100
-
Ω
Rpu_N
Internal pull-up resistor
-
100
200
400
kΩ
Rpd_P
Internal pull-down resistor
-
100
200
400
kΩ
VDI_high
Differential input high detection
level
VDI_high= VDIP_high- VDIN_high
--
-
100
mV
VDI_low
Differential input low detection
level
VDI_low= VDIP_low- VDIN_low
--100
-
-
mV
DO
VDO_L
DO output low level
VDD_IO = 5 V or 3.3 V
Isink current = 2 mA
--
0.5
V
VDO_H
DO output high level
VSUP = 5 V or 3.3 V
Isource current=2mA
VDD_IO
-0.5
--
V
fDO
Maximum frequency
Tested by SCAN
fCL/
128
fCL/
64
fCL/
16
MHz
EN
ENL
Low input level
-
-0.3
-
1.1
V
ENH
High input level
-
2.3
-
VDD
5+0.3
V
VHYST
Hysteresis
-
0.1
-
-
V
IIN
Input current
-
-
-
5
µA
RPU
Pull-up resistor
-
50
-
250
kΩ
Table 62. Time electrical characteristics (continued)
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com