Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 132 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 132 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 128Page - STMicroelectronics L9779WD Datasheet HTML 129Page - STMicroelectronics L9779WD Datasheet HTML 130Page - STMicroelectronics L9779WD Datasheet HTML 131Page - STMicroelectronics L9779WD Datasheet HTML 132Page - STMicroelectronics L9779WD Datasheet HTML 133Page - STMicroelectronics L9779WD Datasheet HTML 134Page - STMicroelectronics L9779WD Datasheet HTML 135Page - STMicroelectronics L9779WD Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 170 page
background image
Functional description
L9779WD
132/170
DocID027452 Rev 5
Figure 82. Time circuit
Table 61. Timing characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
tCL
Cycle time
25
-
-
ns
tsetup
Data setup time
5
-
-
ns
thold
Data hold time
5
-
-
ns
tswitch
Switching time
Switching time for CL, EN and SI
measured between 0.1*VVDD3 and
0.9*VVDD3
--
3
ns
tCLlow
CL low time
10
-
-
ns
tCLhigh
CL high time
10
-
-
ns
tENsetup (1)
1. Enable setup time and enable hold time are validated with characterization.
EN setup time
(i.e. time between falling edge of EN and
next falling edge of CL)
5-
-
ns
tENhold (1)
EN hold time
(i.e. time between falling edge of CL and
next rising edge of EN)
5-
-
ns
tSDO /tCL
data out cycle time
CL_CONF1=’1’,CL_CONF0=’1’
CL_CONF1=’1’,CL_CONF0=’0’
CL_CONF1=’0’,CL_CONF0=’1’
CL_CONF1=’0’,CL_CONF0=’0’
-25%
128
64
32
16
+25%
-
fCL
Clock range at CL
L9779WD is fully functional incl. all timings
as long as there is a clock at pins CLP,
CLN: CL
--
40
MHz
-
tSDOdelay
-
-
160
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com