Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 136 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 136 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 132Page - STMicroelectronics L9779WD Datasheet HTML 133Page - STMicroelectronics L9779WD Datasheet HTML 134Page - STMicroelectronics L9779WD Datasheet HTML 135Page - STMicroelectronics L9779WD Datasheet HTML 136Page - STMicroelectronics L9779WD Datasheet HTML 137Page - STMicroelectronics L9779WD Datasheet HTML 138Page - STMicroelectronics L9779WD Datasheet HTML 139Page - STMicroelectronics L9779WD Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 170 page
background image
Functional description
L9779WD
136/170
DocID027452 Rev 5
Note:
Pay attention to the fact that the LSB is always transmitted first.
RD_DATA1, 2, 3, 4, 5, 6, 7 and 8
CSB
: command selection bit - always '1'
C(5...0) : command bit
CD(7...0): command data bit
READ_DATA1 initiates 4 upstream communications that transfer data block 1 that consists
of the registers CONFIG_REG1, CONFIG_REG2, CONFIG_REG3 and CONFIG_REG4,
transmitted exactly in this order.
READ_DATA2 initiates 4 upstream communications that transfer data block 2 that consists
of the registers CONFIG_REG5, CONFIG_REG6, CONFIG_REG7, not used, transmitted
exactly in this order.
READ_DATA3 initiates 4 upstream communications that transfer data block 3 that consists
of the registers DIA_REG1, DIA_REG2, DIA_REG3 and DIA_REG4, transmitted exactly in
this order.
READ_DATA4 initiates 4 upstream communications that transfer data block 4 that consists
of the registers DIA_REG5, DIA_REG6, DIA_REG7 and DIA_REG8, transmitted exactly in
this order.
READ_DATA5 initiates 4 upstream communications that transfer data block 5 that consists
of the registers DIA_REG9, DIA_REG10, DIA_REG11 and IDENT_REG, transmitted exactly
in this order.
READ_DATA6 initiates 4 upstream communications that transfer data block 6 that consists
of the registers WDA_QUERY, not used, STEP_CTN_H and STEP_CTN_L.
READ_DATA7 initiates 4 upstream communications that transfer data block 7 that consists
of the registers DIA_REG12, DIA_REG12, RESP, and WDA_RESPTIME.
READ_DAT8 initiates 4 upstream communications that transfer data block 7 that consists of
the registers WDA_RESPTIME, REQULO, REQUHI, RST_AB1_CNT.
The command has no relevant data as command data bit - they may be set to '1' or '0'.
Table 64. RD_DATA1, 2, 3, 4, 5, 6, 7 and 8
Command
CSB
C(5..0)
CD(7..0)
RD_DATA1
1
0 0 0 0 1 1
X X X X X X X X
RD_DATA2
1
0 0 0 1 0 1
X X X X X X X X
RD_DATA3
1
0 0 0 1 1 0
X X X X X X X X
RD_DATA4
1
0 0 1 0 0 1
X X X X X X X X
RD_DATA5
1
0 0 1 0 1 0
X X X X X X X X
RD_DATA6
1
0 0 1 1 0 0
X X X X X X X X
RD_DATA7
1
1 0 1 1 0 1
X X X X X X X X
RD_DATA8
1
1 0 1 1 1 0
X X X X X X X X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com