Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 140 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 140 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 136Page - STMicroelectronics L9779WD Datasheet HTML 137Page - STMicroelectronics L9779WD Datasheet HTML 138Page - STMicroelectronics L9779WD Datasheet HTML 139Page - STMicroelectronics L9779WD Datasheet HTML 140Page - STMicroelectronics L9779WD Datasheet HTML 141Page - STMicroelectronics L9779WD Datasheet HTML 142Page - STMicroelectronics L9779WD Datasheet HTML 143Page - STMicroelectronics L9779WD Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 170 page
background image
Functional description
L9779WD
140/170
DocID027452 Rev 5
In case of RD_SINGLE command the upstream consists of 16 bits as described in Figure 80.
The association between the registers and the "4 bit address field" is the following:
12
010010
R DIA_REG2
diagnosis bit of OUT 5,6,7,8
13
010100
R DIA_REG3
diagnosis bit of OUT 9,10,13,14
14
010111
R DIA_REG4
diagnosis bit of OUT 15,16,17,18
15
011000
R DIA_REG5
diagnosis bit of OUT 19,20
16
011011
R DIA_REG6
diagnosis bit of OUT 21,22,23,24
17
011101
R DIA_REG7
diagnosis bit of OUT 25,26,27,28
18
011110
R DIA_REG8
diagnosis bit of IGN 1,2,3,4
19
100001
R DIA_REG9
VTRK diag bit/VRS diag bit/MRD status
/KEY_ON_STATUS (not filtered)
20
100010
R DIA_REG10
OV_RST/OUT_DIS/V3V3_UV/general diag in OUT 21-
28/CRK_RST/ general diag in OUT 1-10,13-20,IGN 1-
4/TNL_RST
21
100100
R DIA_REG11
MSC error flag/CAN error flag/VDD reset flag/ over
temperature flag
22
100111
ZERO_REG
Returns all zeros
23
101000
R STP_CNT_H
stepper counts high
24
101011
R STP_CNT_L
stepper counts low
25
101110
R IDENT_REG
chip id, revision information
26
101101
R DIA_REG12
Key on status filtered
27
110000
RESPTIME
WDA Response Time
28
110011
REQULO
WDA request low byte
29
110101
REQUHI
WDA request high byte
30
110110
RST_AB1_CNT
WDA AB1 counter
Table 72. Association between the registers and the "4 bit address field
#Register
Content of “4 bit address field” in the
upstream
1
CONFIG_REG1
0000
2
CONFIG_REG2
0100
3
CONFIG_REG3
1000
4
CONFIG_REG4
1100
5
CONFIG_REG5
0000
6
CONFIG_REG6
0100
7
CONFIG_REG7
1000
Table 71. Register through the command data field (continued)
#
CD(5:0)
Register
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com