Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 135 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 135 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 131Page - STMicroelectronics L9779WD Datasheet HTML 132Page - STMicroelectronics L9779WD Datasheet HTML 133Page - STMicroelectronics L9779WD Datasheet HTML 134Page - STMicroelectronics L9779WD Datasheet HTML 135Page - STMicroelectronics L9779WD Datasheet HTML 136Page - STMicroelectronics L9779WD Datasheet HTML 137Page - STMicroelectronics L9779WD Datasheet HTML 138Page - STMicroelectronics L9779WD Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 170 page
background image
DocID027452 Rev 5
135/170
L9779WD
Functional description
169
6.18.2
Commands
MSC-commands are encoded with 6 bits with a Hamming distance at least of 2.
Table 63. Commands
#Command
Command bit
MSB ... LSB
Description
1
RD_DATA1
000011
Read CONFIG_REG1…4 (Upstream Block 1)
2
RD_DATA2
000101
Read CONFIG_REG5, 6, 7 (Upstream Block 2)
3
RD_DATA3
000110
Read DIA_REG1...4 (Upstream Block 3)
4
RD_DATA4
001001
Read DIA_REG5...8 (Upstream Block 4)
5
RD_DATA5
001010
Read DIA_REG9…11, IDENT_REG (Upstream Block 5)
6
RD_DATA6
001100
Read WDA_QUERY, 00h, STEP_CNT (Upstream Block 6)
7
WR_CONFIG1
001111
Write CONFIG_REG1
8
WR_CONFIG2
010001
Write CONFIG_REG2
9
WR_CONFIG3
010010
Write CONFIG_REG3
10
WR_CONFIG4
010100
Write CONFIG_REG4
11
WR_CONFIG5
010111
Write CONFIG_REG5
12
WR_CONFIG6
011000
Write CONFIG_REG6
13
WR_CONFIG7
011011
Write CONFIG_REG7
14
LOCK
011101
Disable writing of all configuration bit
15
UNLOCK
011110
Enable writing of all configuration bit
16
SW_RST
100001
Software reset
17
START
100010
Enable power stages
18
RD_SINGLE
101000
Read one byte at a time on each access (see addresses table)
19
STOP
101011
Disable power stage
20
RD_DATA7
101101
Read DIA_REG12, DIA_REG12, RESP, MSC_RESPTIME
(Upstream block 7)
21
RD_DATA8
101110
Read WDA_RESPTIME, REQULO, REQUHI, RST_AB1_CNT
22
WR_RESP
100100
Write RESP register
23
WR_RESPTIME
110000
Write RESPTIME register
24
WR_CPS
110011
Write CPS parallel configuration (if CPS mode enabled)
25
MRD_REACT
100111
Main relay reactivation after OVC switch off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com