Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 146 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 146 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 142Page - STMicroelectronics L9779WD Datasheet HTML 143Page - STMicroelectronics L9779WD Datasheet HTML 144Page - STMicroelectronics L9779WD Datasheet HTML 145Page - STMicroelectronics L9779WD Datasheet HTML 146Page - STMicroelectronics L9779WD Datasheet HTML 147Page - STMicroelectronics L9779WD Datasheet HTML 148Page - STMicroelectronics L9779WD Datasheet HTML 149Page - STMicroelectronics L9779WD Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 170 page
background image
Functional description
L9779WD
146/170
DocID027452 Rev 5
CONFIG_REG2
Configuration register 2
Address:
0100b
Type:
R/W (write access: WRITE_CONFIG2)
Reset:
0000 1000
76
5
4
3
2
1
0
F_TH_SEL_9[2:0]
F_TM_SEL_9[2:0]
Charge pump OFF
LS_IGN_OFF
R/W
R
R/W
[7:5] F_TH_SEL_9[2:0]: OUT9 short fault to VB threshold voltage selection.
000: 0.55 V (default)
001: 1 V
010: 1.5 V
011: 2 V
100: 2.5 V
101: 0.150 V
110: 0.3 V
111: 0.45 V
[4:2] F_TM_SEL_9[2:0]: OUT9 short fault to VB filter time selection.
000: 1.3 µs
001: 2.6 µs
010: 5.2 µs (default)
011: 10 µs
100: 21 µs
101: 42 µs
110: 84 µs
111: 170 µs
[1] Charge pump OFF
0= ON (default)
1= OFF
[0] LS_IGN_OFF Control LS stage of IGN driver
0 = normal behaviour
1 = LS of IGN driver always OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com