Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 149 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 149 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 145Page - STMicroelectronics L9779WD Datasheet HTML 146Page - STMicroelectronics L9779WD Datasheet HTML 147Page - STMicroelectronics L9779WD Datasheet HTML 148Page - STMicroelectronics L9779WD Datasheet HTML 149Page - STMicroelectronics L9779WD Datasheet HTML 150Page - STMicroelectronics L9779WD Datasheet HTML 151Page - STMicroelectronics L9779WD Datasheet HTML 152Page - STMicroelectronics L9779WD Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 170 page
background image
DocID027452 Rev 5
149/170
L9779WD
Functional description
169
CONFIG_REG5
Configuration register 5
Address:
0000b
Type:
R/W (write access: WRITE_CONFIG5)
Reset:
-
Note:
1101_1000
Note:
When VRS limited amplitude adaptive mode is set, VRS_HYST limits the minimum
hysteresis to the set value.
When VRS limited mode is set, filter time must be enabled at operation start, and shall
never be disabled afterwards.
When VRS limited mode is set, VRS diagnostic function is not available.
76543
21
0
RESERVED
MSC_ACT_EN
VRS_DIAG/
MIN_HYST
VRS_MODE1
VRS_MODE0
VRS_HYST2
VRS_HYST1
VRS_HYST0
R/W
[7] RESERVED: not used
[6] MSC_ACT_EN: MSC activity monitoring enable
1: MSC activity monitoring function is enabled
0: MSC activity monitoring function is disabled
[5] If fully adaptive mode selected:
VRS diag: VRS diagnosis enable
1: diagnosis function is enabled
0: diagnosis function is disabled
If limited adaptive mode selected:
Forces VRS minimum hysteresis (5 µA)
1: minimum hysteresis forced
0: normal operation as per VRS_HYST configuration
[4:3] VRS_MODE
00: internal auto-adaptive filter time OFF, Internal auto-adaptive hysteresis OFF
01: internal auto-adaptive filter time OFF, Internal auto-adaptive hysteresis ON
10: Iinternal auto-adaptive filter time ON, Internal auto-adaptive hysteresis OFF
11: internal auto-adaptive filter time ON, Internal auto-adaptive hysteresis ON
[2:0] VRS_HYST
000: Hys current = 17 µA (Hys VRS = 347 mV with 10 k
 ext resistors) [default]
001: Hys current = 5 µA (Hys VRS=100mV with 10 k
 ext resistors)
010: Hys current = 10 µA (Hys VRS=200mV with 10 k
 ext resistors)
011: Hys current = 17 µA (Hys VRS=347mV with 10 k
 ext resistors)
100: Hys current = 32 µA (Hys VRS=644mV with 10 k
 ext resistors)
101: Hys current = 51 µA (Hys VRS=967mV with 10 k
 ext resistors)
110: Hys current = 17 µA (Hys VRS=347mV with 10 k
 ext resistors)
111: Hys current = 0 µA (used only for test purpose)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com