Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 152 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 152 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 148Page - STMicroelectronics L9779WD Datasheet HTML 149Page - STMicroelectronics L9779WD Datasheet HTML 150Page - STMicroelectronics L9779WD Datasheet HTML 151Page - STMicroelectronics L9779WD Datasheet HTML 152Page - STMicroelectronics L9779WD Datasheet HTML 153Page - STMicroelectronics L9779WD Datasheet HTML 154Page - STMicroelectronics L9779WD Datasheet HTML 155Page - STMicroelectronics L9779WD Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 170 page
background image
Functional description
L9779WD
152/170
DocID027452 Rev 5
CONFIG_REG7
Configuration register 7
Address:
1000b
Type:
R/W (write access: WRITE_CONFIG7)
Reset:
0101 0000
Note: The bit OUT21,25_EN_LB has priority over the CPS_CONFx bit, this means that if
one of OUT21,25_EN_LB is set to 1 the OUT21…28 become independent power
stages.
7
654
32
10
IGN_DIA_MODE IGN_DIA_SGEN
TD_MASK_X2
RESERVED
OUT25_EN_LB
OUT21_EN_LB
OUT14_EN_LB
OUT13_EN_LB
R/W
[7] IGN_DIA_MODE: IGN diagnosis mode for short to battery:
1: latch mode
0: no latch mode
[6] IGN_DIA_SGEN: IGN diagnosis enable for short to ground:
1: Current diagnosis enabled
0: Voltage diagnosis enabled
[5] TD_MASK_X2:
0: Td_mask as specified in respective tables for OUT13 to OUT28
1: Td_mask doubled for OUT13 to OUT28
[4] RESERVED: not used
[3] OUT25_EN_LB: Low battery function enable
1: LB function is enabled for OUT25
0: LB function is disabled for OUT25
[2] OUT21_EN_LB: Low battery function enable
1: LB function is enabled for OUT21
0: LB function is disabled for OUT21
[1] OUT14_EN_LB: Low battery function enable
1: LB function is enabled for OUT14
0: LB function is disabled for OUT14
[0] OUT13_EN_LB: Low battery function enable
1: LB function is enabled for OUT13
0: LB function is disabled for OUT13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com