Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 148 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 148 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 144Page - STMicroelectronics L9779WD Datasheet HTML 145Page - STMicroelectronics L9779WD Datasheet HTML 146Page - STMicroelectronics L9779WD Datasheet HTML 147Page - STMicroelectronics L9779WD Datasheet HTML 148Page - STMicroelectronics L9779WD Datasheet HTML 149Page - STMicroelectronics L9779WD Datasheet HTML 150Page - STMicroelectronics L9779WD Datasheet HTML 151Page - STMicroelectronics L9779WD Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 170 page
background image
Functional description
L9779WD
148/170
DocID027452 Rev 5
CONFIG_REG4
Configuration register 4
Address:
1100b
Type:
R/W (write access: WRITE_CONFIG4)
Reset:
0000_0010
765
432
10
PWL_TIMEOUT_CONF[2:0]
OFF_LCDR
FDO_SEL[1:0]
ISO_SRC
LOCK
R/W
[7:5] PWL_TIMEOUT_CONF[2:0]: Power latch mode time-out configuration.
000: Disabled (default)
001: 4.7 minutes ±5%
010: 9 minutes ±5%
011: 19 minutes ±5%
100: 28 minutes ±5%
101: 37 minutes ±5%
110: 75 minutes ±5%
111: 470 ms ±5%
[4] OFF_LCDR: Off state diagnosis for Low-current drive
1 = Off state diagnosis and the bias current of OUT19, OUT20 is active
0 = Off state diagnosis and the bias current of OUT19, OUT20 is disabled
[3:2] F_DO_SEL[1:0]: Upstream clock ratio selection.
00: fDO= fCL/ 64(default)
01: fDO= fCL/ 16
10: fDO= fCL/ 32
11: fDO= fCL/ 128
[1] ISO_SRC: Slew-rate control for the ISO9141 serial interface (K-Line)
0 = No slew rate limitation
1 = Slew-rate limitation active
[0] LOCK: Lock bit status. Set by LOCK command and cleared with UNLOCK command
1 = ALL configuration registers are locked and cannot be changed
0 = all configuration registers can be changed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com