Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 150 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 150 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 146Page - STMicroelectronics L9779WD Datasheet HTML 147Page - STMicroelectronics L9779WD Datasheet HTML 148Page - STMicroelectronics L9779WD Datasheet HTML 149Page - STMicroelectronics L9779WD Datasheet HTML 150Page - STMicroelectronics L9779WD Datasheet HTML 151Page - STMicroelectronics L9779WD Datasheet HTML 152Page - STMicroelectronics L9779WD Datasheet HTML 153Page - STMicroelectronics L9779WD Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 170 page
background image
Functional description
L9779WD
150/170
DocID027452 Rev 5
CONFIG_REG6
Configuration register 6
Address:
0100b
Type:
R/W (write access: WRITE_CONFIG6)
Reset:
0010 0010
7
654
32
10
CAN_ERR_EN
NL_RST
PWL_EN_N/
SEO_EN_N
PSOFF
VDD5_UV mask
VDD5 under
voltage on SDO
WDA time base
setting
(RESPTIME)
PWL/SEO
timeout
R/W
[7] CAN_ERR_EN: CAN error handling
1: CAN error handling enabled
0: CAN error handling disabled
[6] NL_RST: Reset generation during Power latch mode when KEY_ON 0 --> 1
1: reset generated
0: reset not generated
[5] PWL_EN_N: Power latch mode enable
PWL_EN_N/SEO_EN_N: Power latch/secure engine off mode enable
1: power latch mode function is disabled (default)
0: power latch mode function is enabled
[4] PSOFF: Power supply off (VDD5, VTRK1, VTRK2, Charge-pump, internal supply) when
KEY_ON = 0 and PWL_EN_N = 1
0: switch off power supply and switch off MRD
1: do not switch off power supply and switch off MRD
[3] VDD5_UV mask
1: mask VDD5_UV
0: mask removed (default)
Note: if VDD5_UV is masked, OUTx are not automatically switched off.
[2] VDD5 under voltage on SDO
1: VDD5 under voltage event forces SDO to constantly send Low logic values whenever SDO
output is enabled, till VDD5 under voltage monitor remains active
0: this function disabled (default)
Note: as SDO gets stuck to Low upon VDD5_UV event, before any further readings, it is
recommended that this function is disabled.
[1] WDA time base setting
This bit selects the RESPTIME time base
1: (default) sets time base to 1/64 kHz
0: sets time base to 1/39 kHz
[0] PWL/SEO timeout
0: PWL timeout counter has priority over SEO (default)
1: SEO timeout counter has priority over PW
Note: if this bit is set, bit4 and bit5 of same register have no effects



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com