Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 34 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 34 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 30Page - Semtech Corporation GS6151 Datasheet HTML 31Page - Semtech Corporation GS6151 Datasheet HTML 32Page - Semtech Corporation GS6151 Datasheet HTML 33Page - Semtech Corporation GS6151 Datasheet HTML 34Page - Semtech Corporation GS6151 Datasheet HTML 35Page - Semtech Corporation GS6151 Datasheet HTML 36Page - Semtech Corporation GS6151 Datasheet HTML 37Page - Semtech Corporation GS6151 Datasheet HTML 38Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
34 of 77
Semtech
Proprietary & Confidential
www.semtech.com
Inter-command delay time
tcmd
4
120.0
—
—
ns
Inter-command delay time
(after GSPI configuration write)
tcmd_GSPI_
conf1
5
162.0
—
—
ns
SDO after SCLK falling edge
t6
——
7.5
ns
CS high after final SCLK falling
edge
t7
0.0
—
—
ns
Input data hold time
t8
1.0
—
—
ns
CS high time
t9
57.0
—
—
ns
SDIN to SDOUT combinational
delay
——
5.0
ns
Max. chips daisy chained at
max SCLK frequency
When host clocks in SDOUT
data on rising edge of SCLK
——
1
GS6151
chips
Max. frequency for 32
daisy-chained devices
——
2.1
MHz
Max. chips daisy-chained at
max. SCLK frequency
When host clocks in SDOUT
data on falling edge of SCLK
——
3
GS6151
chips
Max. frequency for 32
daisy-chained devices
——
2.2
MHz
Note:
1. tcmd_GSPI_conf inter-command delay must be used whenever modifying HOST_CONFIG register at address 0x00
Table 4-8: GSPI Timing Parameters (Continued)
Parameter
Symbol
Equivalent
SCLK
Cycles
(at 27MHz)
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com