Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 23 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 23 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 19Page - Semtech Corporation GS6151 Datasheet HTML 20Page - Semtech Corporation GS6151 Datasheet HTML 21Page - Semtech Corporation GS6151 Datasheet HTML 22Page - Semtech Corporation GS6151 Datasheet HTML 23Page - Semtech Corporation GS6151 Datasheet HTML 24Page - Semtech Corporation GS6151 Datasheet HTML 25Page - Semtech Corporation GS6151 Datasheet HTML 26Page - Semtech Corporation GS6151 Datasheet HTML 27Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
23 of 77
Semtech
Proprietary & Confidential
www.semtech.com
4.5.1 Output Impedance
Each of the GS6151’s output buffers include two on-chip, 50Ω termination resistors.
4.5.2 Output Signal Interface Levels
The serial digital outputs operate within specification with an output CML power supply
of 1.2V to 2.5V.
4.5.3 Adjustable Output Swing
Through the GSPI, the output swing can be set in the range from approximately
230mVppd to 930mVppd in 45mVppd increments, when the outputs are terminated with
50Ω loads. For the exact values, please see Table 4-4 below.
The output swing for each data rate is controlled using the bits in the
DRIVER_CONTROL_REG_3, DRIVER_CONTROL_REG_4, DRIVER_CONTROL_REG_5, and
DRIVER_CONTROL_REG_6 registers at addresses 1Ch through 1Fh.
The device automatically adjusts the swing setting depending on the state of the device
(i.e. detected rate, bypass mode, or mute). There are separate register controls for mute,
bypass and each data rate.
Table 4-4: Serial Digital Output Swing Settings
Register Setting
(See Note 1)
Min
Typ
Max
Units
0000b
175
230
290
mV
0001b
205
275
345
mV
0010b
245
325
405
mV
0011b (default)
280
370
460
mV
0100b
310
410
510
mV
0101b
345
460
575
mV
0110b
380
510
640
mV
0111b
420
560
700
mV
1000b
455
605
760
mV
1001b
490
655
820
mV
1010b
530
705
880
mV
1011b
565
755
945
mV
1100b
600
800
1000
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com