Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 51 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 51 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 47Page - Semtech Corporation GS6151 Datasheet HTML 48Page - Semtech Corporation GS6151 Datasheet HTML 49Page - Semtech Corporation GS6151 Datasheet HTML 50Page - Semtech Corporation GS6151 Datasheet HTML 51Page - Semtech Corporation GS6151 Datasheet HTML 52Page - Semtech Corporation GS6151 Datasheet HTML 53Page - Semtech Corporation GS6151 Datasheet HTML 54Page - Semtech Corporation GS6151 Datasheet HTML 55Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
51 of 77
Semtech
Proprietary & Confidential
www.semtech.com
10h
LOS_CONTROL_
REG_1
DDI1_LOS_THRESHOLD_
CONTROL
15:8
RW
5Ah
LOS signal threshold for input DDI1 at
device pins is:
1.9mVppd x DDI1_LOS_THRESHOLD_CONTROL x
(53/DEVICE_SPECIFIC_LOS_THRESHOLD)
(All above values are in decimal)
DDI0_LOS_THRESHOLD_
CONTROL
7:0
RW
5Ah
LOS signal threshold for input DDI0 at
device pins is:
1.9mVppd x DDI0_LOS_THRESHOLD_CONTROL x
(53/DEVICE_SPECIFIC_LOS_THRESHOLD)
(All above values are in decimal)
11h
RESERVED
RSVD
15:0
RW
5A5Ah Reserved. Do not change.
12h
LOS_STATUS
RSVD
15:8
RO
—
Reserved. Do not change.
DEVICE_SPECIFIC_LOS_
THRESHOLD
7:0
RO
—
Trimmed setting to achieve LOS threshold of
100mVppd
13h
RESERVED
RSVD
15:0
RW
280h
Reserved. Do not change.
14h
RESERVED
RSVD
15:0
RO
—
Reserved. Do not change.
15h
REF_CLK_
CONTROL
RSVD
15:3
RW
0h
Reserved. Do not change.
XTAL_BUF_OUT_ENABLE
2:2
RW
1h
Enables/Disables the reference buffer
output.
00b: XTAL_BUF_OUT disabled
01b: XTAL_BUF_OUT enabled
RSVD
1:1
RW
0h
Reserved. Do not change.
RSVD
0:0
RW
0h
Reserved. Do not change.
16h
REF_CLK_STATUS
RSVD
15:1
RO
—
Reserved. Do not change.
XTAL_CLK_DET
0:0
RO
—
Indicates whether an external 27MHz
reference is being used by the device or its
internal oscillator.
00b: Internal oscillator being used
01b: External crystal being used
Table 5-1: Register Descriptions - Standard Address Space (Continued)
Address Register Name
Parameter Name
Bit
Slice
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com