Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 5 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 5 Page - Semtech Corporation

  GS6151 Datasheet HTML 1Page - Semtech Corporation GS6151 Datasheet HTML 2Page - Semtech Corporation GS6151 Datasheet HTML 3Page - Semtech Corporation GS6151 Datasheet HTML 4Page - Semtech Corporation GS6151 Datasheet HTML 5Page - Semtech Corporation GS6151 Datasheet HTML 6Page - Semtech Corporation GS6151 Datasheet HTML 7Page - Semtech Corporation GS6151 Datasheet HTML 8Page - Semtech Corporation GS6151 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
5 of 77
Semtech
Proprietary & Confidential
www.semtech.com
1. Pin Out
1.1 Pin Assignment
Figure 1-1: GS6151 Pin Out
DDI0
GND
DDI1
GPIO0
DDO0
VCC_DDO0
VCC_DDO1
DDO1
GPIO1
DDI_SEL/STROBE
VSS_DIG
GS6151 32-pin QFN
(4mm x 4mm)
1
2
3
4
5
6
7
8
9
10111213141516
17
18
19
20
21
22
23
24
32
31
30
29
28
27
26
25
DDI0
DDI1
DDO1
DDO0
VEE_DDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com