Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 62 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 62 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 58Page - Semtech Corporation GS6151 Datasheet HTML 59Page - Semtech Corporation GS6151 Datasheet HTML 60Page - Semtech Corporation GS6151 Datasheet HTML 61Page - Semtech Corporation GS6151 Datasheet HTML 62Page - Semtech Corporation GS6151 Datasheet HTML 63Page - Semtech Corporation GS6151 Datasheet HTML 64Page - Semtech Corporation GS6151 Datasheet HTML 65Page - Semtech Corporation GS6151 Datasheet HTML 66Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
62 of 77
Semtech
Proprietary & Confidential
www.semtech.com
2Bh
EYE_MON_
CONTROL_
REG_6
RSVD
15:6
RW
0h
Reserved. Do not change.
EYE_MON_CLEAR
5:5
RW
0h
Override value for EYE_MON_PRBS_CLEAR.
Only used when
EYE_MON_FORCE_PRBS_CLEAR = 1.
EYE_MON_FORCE_CLEAR
4:4
RW
0h
01b: Overrides the EYE_MON_CLEAR output
with the PRBS_MON__CLEAR value
Allows host interface to directly control the
PRBS/eye monitor bypassing the
PRBS_MON_CTRL state machines.
EYE_MON_PRBS_CLEAR
3:3
RW
0h
Override value for EYE_MON_PRBS_CLEAR.
Only used when
EYE_MON_FORCE_PRBS_CLEAR = 1.
EYE_MON_PRBS_FORCE_
CLEAR
2:2
RW
0h
01b: Overrides the EYE_MON_PRBS_CLEAR
output with the EYE_MON_PRBS_CLEAR
value
Allows host interface to directly control the
PRBS/eye monitor bypassing the
EYE_MON_CTRL state machines.
EYE_MON_SELECT
1:1
RW
1h
Selects which criteria is used to populate the
eye bitmap.
00b: PRBS7 check
01b: Arbitrary data check
EYE_MON_WINDOW
0:0
RW
0h
Sets which portion of the eye is to be
sampled for manually timed and continuous
scan measurements. Result for the phase is
the lesser count of errors at each
EYE_MON_WINDOW setting.
2Ch
EYE_MON_
STATUS_REG_0
RSVD
15:15
RO
0h
Reserved. Do not change.
EYE_MON_PRBS_STARTING_
PHASE
14:8
RO
0h
Starting (leftmost) phase of
EYE_MON_PRBS_EYE_WIDTH in the most
recent scan. This parameter only applies to
automatic (AUTO_SCAN_START)
measurements.
EYE_MON_PRBS_EYE_WIDTH
7:0
RO
0h
Widest open portion of the eye in the most
recent scan, based on the
EYE_MON_PRBS_ERROR_COUNT indication.
The value of EYE_MON_PRBS_EYE_WIDTH is
the number of contiguous phases with
EYE_MON_PRBS_ERROR_COUNT less than
or equal to
EYE_MON_PRBS_ERROR_THRESHOLD.
This parameter only applies to automatic
(AUTO_SCAN_START) measurements.
Table 5-1: Register Descriptions - Standard Address Space (Continued)
Address Register Name
Parameter Name
Bit
Slice
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com