Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 75 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 75 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 69Page - Semtech Corporation GS6151 Datasheet HTML 70Page - Semtech Corporation GS6151 Datasheet HTML 71Page - Semtech Corporation GS6151 Datasheet HTML 72Page - Semtech Corporation GS6151 Datasheet HTML 73Page - Semtech Corporation GS6151 Datasheet HTML 74Page - Semtech Corporation GS6151 Datasheet HTML 75Page - Semtech Corporation GS6151 Datasheet HTML 76Page - Semtech Corporation GS6151 Datasheet HTML 77Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 75 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
75 of 77
Semtech
Proprietary & Confidential
www.semtech.com
7.2 Recommended PCB Footprint
Figure 7-2: GS6151 PCB Footprint
7.3 Packaging Data
CENTER PAD
2.75
2.75
3.90
3.90
0.20
0.55
0.40
Note: All dimensions
in millimeters
Table 7-1: Packaging Data
Parameter
Value
Package Type
32-pin QFN / 4mm x 4mm /
0.4mm pad pitch
Moisture Sensitivity Level (Note 1)3
Junction to Case Thermal Resistance,
θ
j-c
29.8°C/W
Junction to Air Thermal Resistance,
θ
j-a
35.4°C/W
Junction to Board Thermal Resistance,
θ
j-b
12.0°C/W
Psi,
Ψ
0.3°C/W
Pb-free and RoHS Compliant
Yes
Note:
1. Value per JEDEC J-STD-020C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com