Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 40 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 40 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 36Page - Semtech Corporation GS6151 Datasheet HTML 37Page - Semtech Corporation GS6151 Datasheet HTML 38Page - Semtech Corporation GS6151 Datasheet HTML 39Page - Semtech Corporation GS6151 Datasheet HTML 40Page - Semtech Corporation GS6151 Datasheet HTML 41Page - Semtech Corporation GS6151 Datasheet HTML 42Page - Semtech Corporation GS6151 Datasheet HTML 43Page - Semtech Corporation GS6151 Datasheet HTML 44Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
40 of 77
Semtech
Proprietary & Confidential
www.semtech.com
4.12 Diagnostic Features
To aid in debug, the GS6151 has an on-chip eye monitoring, error counting and
PRBS-signal generation features that can be used to check system links for error-free
operation. The PRBS signal generator outputs a PRBS7 bit stream (x7+x6+1 polynomial)
or clock (at the reference or divided rates) which can be clocked from either an on-chip
or off-chip source. The eye monitor is a 128-bit horizontal eye monitor (HEM) that can
automatically detect the error-free eye width, the first error-free phase position and
provide a bitmap of the error status of each phase without affecting the retiming
capability of the CDR. Additionally, the HEM can be configured to manually count the
number of errors at a given phase for a given time interval or to continually count errors
until programmed to stop. In any of these three modes, described in the next section,
Section 4.12.1, the criteria for measuring a bit error can also be set to measure bit errors
of arbitrary data (in which the input to the CDR is assumed to be BER-free at some phase)
or by checking against a PRBS7 bit stream for measuring error-free performance of
upstream devices. PRBS checking is described in Section 4.12.2. The PRBS generator is
described in Section 4.12.3. The HEM and PRBSCHK features operate at 3Gb/s and HD
data rates, while the PRBS generator operates at 3G, HD, SD and MADI rates.
4.12.1 Horizontal Eye Monitor Modes
The three modes of bit error characterization of the HEM are described below. In this
section it is assumed that arbitrary data is being input and checked. For each of these
modes (and the PRBS7 input data checking mode in section 4.12.3) the Horizontal Eye
Monitor must be enabled by setting the HORIZONTAL_EYE_MON_ENABLE bit of the
EYE_MON_ENABLE register at address 23h.
4.12.1.1 Automatic Eye Scan
The automatic eye-scan mode measures the error-free eye width and first error-free
phase (EYE_WIDTH and STARTING_PHASE bits, respectively, of
EYE_MON_STATUS_REG_2) position as well as the resultant error bitmap of each of the
128 phases (EYE_BITMAP bits of EYE_MON_STATUS_REG_4 to
EYE_MON_STATUS_REG_11, least-significant bits correspond to leftmost bits). A bit
value of 1 in the bitmap indicates error-free operation at the phase that corresponds to
the bit. A bit value of 0 indicates more than the ERROR_THRESHOLD number of errors
have been counted and the bit is considered as an error bit. It should be noted that the
eye is not necessarily centered in the results, i.e. the crossing may be in the center of the
bitmap and the open eye can wrap around from phase 127 back to 0. The automatic eye
scan takes this into account and calculates the value for the error-free eye across the
wrapping while the error-free phase corresponds to the leftmost portion of the
error-free eye rather than the leftmost error-free phase in the bitmap. Refer to
Figure 4-22 below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com