Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 25 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 25 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 21Page - Semtech Corporation GS6151 Datasheet HTML 22Page - Semtech Corporation GS6151 Datasheet HTML 23Page - Semtech Corporation GS6151 Datasheet HTML 24Page - Semtech Corporation GS6151 Datasheet HTML 25Page - Semtech Corporation GS6151 Datasheet HTML 26Page - Semtech Corporation GS6151 Datasheet HTML 27Page - Semtech Corporation GS6151 Datasheet HTML 28Page - Semtech Corporation GS6151 Datasheet HTML 29Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
25 of 77
Semtech
Proprietary & Confidential
www.semtech.com
4.5.5 Output Common Mode Voltage
The output common mode voltage level (VCMOUT) is a function of the output voltage
swing, the output driver supply voltage (VCC_DDO) and how the transmission line is
terminated. If the outputs are terminated through 50
Ω resistors to a voltage V
TERM
equal to VCC_DDO, as shown in Figure 4-5 below, the output common mode voltage is
given by the following expression:
Equation 4-2
If the differential outputs are terminated across a 100
Ω resistor, as shown in Figure 4-4
below, the output common mode voltage is given by the following expression:
Equation 4-3
4.6 Output Mute and Disable
The GS6151 outputs can each be individually muted using the DDO0_MUTE and
DDO1_MUTE bits in the DRIVER_CONTROL_REG_0 register at address 19h.
Each output can also be independently disabled through either register or GPIO control.
When disabled each pin of the output is pulled to VCC_DDO. Register
DRIVER_CONTROL_REG_0 contains both register based disable bits (DDO0_DISABLE,
DDO1_DISABLE) and bits for selection between register and GPIO control
(DDO0_DISABLE_SELECT, DDO1_DISABLE_SELECT). For GPIO control refer to
Section 4.10. By default DDO0, DDO0 is enabled/disabled through register control and
set to enabled. DDO1, DDO1 is enabled by default.
VCMOUT
VCC_DDO
ΔV
DDO
4
------------------
–
=
VCMOUT
VCC_DDO
ΔV
DDO
2
------------------
–
=
Figure 4-4: 100
Ω Parallel Output Termination
Figure 4-5: 50
Ω Termination to V
TERM
100Ω
50Ω
50Ω
50Ω
50Ω
DDO
VCC_DDO
50Ω
50Ω
DDO
VCC_DDO
GS6151
DDO
50Ω
50Ω
DDO
VCC_DDO
50Ω
50Ω
DDO
VCC_DDO
50Ω
50Ω
GS6151
V
TERM
V
TERM
50Ω
50Ω
DDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com