Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 19 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 19 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 15Page - Semtech Corporation GS6151 Datasheet HTML 16Page - Semtech Corporation GS6151 Datasheet HTML 17Page - Semtech Corporation GS6151 Datasheet HTML 18Page - Semtech Corporation GS6151 Datasheet HTML 19Page - Semtech Corporation GS6151 Datasheet HTML 20Page - Semtech Corporation GS6151 Datasheet HTML 21Page - Semtech Corporation GS6151 Datasheet HTML 22Page - Semtech Corporation GS6151 Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
19 of 77
Semtech
Proprietary & Confidential
www.semtech.com
The method of strength detection is measurement of the average rectified differential
voltage on the input pins. The strength detection method is therefore inherently
dependent on the input signal's eye shape, particularly the rise/fall times of the input
signal relative to the data rate. Additionally, the circuit has a lower bandwidth limit of
operation (20Mb/s) below which it is recommended that the edge detection method is
used. The absolute value of the threshold can be determined for any input swings
according to Equation 4-1 below:
Equation 4-1
where DEVICE_SPECIFIC_LOS_THRESHOLD specifies the LOS threshold value for a
100mV input swing at SD-rate specific to each device. The other rates scale according to
the fractional relationship given in Figure 4-1 and Figure 4-2 below.
Figure 4-1: LOS Threshold at 100mV Input Swing vs. Low Frequency Rates for a Nominal
DEVICE_SPECIFIC_LOS_THRESHOLD of 53
Note: Edge detection method is recommended for signals in shaded areas.
Threshold
1.9mV
DDI[0..3]_LOS_THRESHOLD_CONTROL
)
(
53
×
×
DEVICE_SPECIFIC_LOS_THRESHOLD
()
-----------------------------------------------------------------------------------------------------------------------------------------
=
30
35
40
45
50
55
60
0
20
40
60
80
100
120
Frequency (Mb/s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com