Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 61 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 61 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 57Page - Semtech Corporation GS6151 Datasheet HTML 58Page - Semtech Corporation GS6151 Datasheet HTML 59Page - Semtech Corporation GS6151 Datasheet HTML 60Page - Semtech Corporation GS6151 Datasheet HTML 61Page - Semtech Corporation GS6151 Datasheet HTML 62Page - Semtech Corporation GS6151 Datasheet HTML 63Page - Semtech Corporation GS6151 Datasheet HTML 64Page - Semtech Corporation GS6151 Datasheet HTML 65Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
61 of 77
Semtech
Proprietary & Confidential
www.semtech.com
27h
EYE_MON_
CONTROL_
REG_2
MEASUREMENT_TIME
15:0
RW
A8Bh
Selects measurement interval in multiples of
SAMPLE_INTERVAL_PREDIVIDER cycles.
The measurement time for a single phase
and bypass setting is:
MEASUREMENT_PREDIVIDER x
(MEASUREMENT_TIME + 1) x (1/108MHz)
The default value sets 100μs per sample,
which is approximately 25.6ms for a full scan
of 128 phases * 2 bypass settings.
The maximum MEASUREMENT_TIME value
results in a full scan taking approximately
1.25 seconds.
28h
EYE_MON_
CONTROL_
REG_3
EYE_MON_PRBS_ERROR_
THRESHOLD
15:0
RW
3h
Error count threshold for pass/fail. The
phase being tested is considered to pass if
EYE_MON_PRBS_ERROR_COUNT is less than
or equal to
EYE_MON_PRBS_ERROR_THRESHOLD. The
phase fails if the
EYE_MON_PRBS_ERROR_COUNT exceeds
EYE_MON_PRBS_ERROR_THRESHOLD. The
default value of
EYE_MON_PRBS_ERROR_THRESHOLD
corresponds to a bit error rate of 3.37x10-6
at a data rate of 5.94Gb/s using the default
MEASUREMENT_TIME of 100μs.
29h
EYE_MON_
CONTROL_
REG_4
ERROR_THRESHOLD
15:0
RW
3h
Error count threshold for pass/fail. The
phase being tested is considered to pass if
ERROR_COUNT is less than or equal to
ERROR_THRESHOLD. The phase fails if the
ERROR_COUNT exceeds
ERROR_THRESHOLD.
The default value of ERROR_THRESHOLD
corresponds to a bit error rate of 6.73x10-6
at a data rate of 5.94Gb/s using the default
MEASUREMENT_TIME of 100μs.
2Ah
EYE_MON_
CONTROL_
REG_5
MANUAL_PHASE
10:4
RW
0h
Phase setting for manually timed
(MANUAL_SCAN_START) and continuous
(CONTINUOUS_SCAN_ENABLE) scan
measurements.
RSVD
3:0
RW
3h
Reserved. Do not change.
Table 5-1: Register Descriptions - Standard Address Space (Continued)
Address Register Name
Parameter Name
Bit
Slice
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com