Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 53 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 53 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 49Page - Semtech Corporation GS6151 Datasheet HTML 50Page - Semtech Corporation GS6151 Datasheet HTML 51Page - Semtech Corporation GS6151 Datasheet HTML 52Page - Semtech Corporation GS6151 Datasheet HTML 53Page - Semtech Corporation GS6151 Datasheet HTML 54Page - Semtech Corporation GS6151 Datasheet HTML 55Page - Semtech Corporation GS6151 Datasheet HTML 56Page - Semtech Corporation GS6151 Datasheet HTML 57Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
53 of 77
Semtech
Proprietary & Confidential
www.semtech.com
19h
DRIVER_CONTROL_
REG_0
RSVD
15:8
RW
0h
Reserved. Do not change.
OUTPUT_PRBS_DATA1
9:9
RW
0
Selects either CDR or PRBSgen data to output
on DDO1.
00b: CDR data
01b: PRBSgen data
OUTPUT_PRBS_DATA0
8:8
RW
0
Selects either CDR or PRBSgen data to output
on DDO0.
00b: CDR data
01b: PRBSgen data
RSVD
7:7
RW
1h
Reserved. Do not change.
AUTO_LOS_MUTE_ENABLE
6:6
RW
1h
Auto-Mute Enable on LOS.
00b: Output is unaffected by LOS
01b: Output is muted when LOS is asserted
DDO1_MUTE
5:5
RW
0h
Mute control for the DDO1 output.
00b: DDO1 output not muted
01b: DDO1 output muted
Output across DDO1 and DDO1 is
DDO1_SWING_MUTE/2 when DDO1_DISABLE
is set to 0.
DDO0_MUTE
4:4
RW
0h
Mute control for the DDO0 output.
00b: DDO0 output not muted
01b: DDO0 output muted
Output across DDO0 and DDO0 is
DDO0_SWING_MUTE/2 when DDO1_DISABLE
is set to 0.
DDO1_DISABLE
3:3
RW
0h
Disable control for the DDO1 output.
00b: DDO1 output not disabled
01b: DDO1 output disabled
Output of both DDO1 and DDO1 is VCC_DDO1.
This bit takes precedence over DDO1_MUTE.
DDO0_DISABLE
2:2
RW
0h
Disable control for the DDO0 output.
00b: DDO0 output not disabled
01b: DDO0 output disabled
Output of both DDO0 and DDO0 is VCC_DDO0.
This bit takes precedence over DDO0_MUTE.
DDO1_DISABLE_SELECT
1:1
RW
0h
Controls whether DDO1 is disabled using an
assigned GPIO pin or the DDO1_DISABLE bit.
00b: DDO1 is disabled using assigned GPIO
01b: DDO1 is disabled using the
DDO1_DISABLE bit
DDO0_DISABLE_SELECT
0:0
RW
1h
Controls whether DDO0 is disabled using an
assigned GPIO pin or the DDO0_DISABLE bit.
00b: DDO0 is disabled using assigned GPIO
01b: DDO0 is disabled using the
DDO0_DISABLE bit
Table 5-1: Register Descriptions - Standard Address Space (Continued)
Address Register Name
Parameter Name
Bit
Slice
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com