Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 47 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 47 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 43Page - Semtech Corporation GS6151 Datasheet HTML 44Page - Semtech Corporation GS6151 Datasheet HTML 45Page - Semtech Corporation GS6151 Datasheet HTML 46Page - Semtech Corporation GS6151 Datasheet HTML 47Page - Semtech Corporation GS6151 Datasheet HTML 48Page - Semtech Corporation GS6151 Datasheet HTML 49Page - Semtech Corporation GS6151 Datasheet HTML 50Page - Semtech Corporation GS6151 Datasheet HTML 51Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
47 of 77
Semtech
Proprietary & Confidential
www.semtech.com
5. Host Interface Register Map
Table 5-1: Register Descriptions - Standard Address Space
Address Register Name
Parameter Name
Bit
Slice
R/W
Reset
Value
Description
0h
HOST_CONFIG
RSVD
15:15
RW
0h
Reserved. Do not change.
GSPI_LINK_DISABLE
14:14
RW
0h
GSPI loop-through disable.
GSPI_BUS_THROUGH_
ENABLE
13:13
RW
0h
GSPI bus-through enable.
RSVD
12:5
RW
0h
Reserved. Do not change.
DEVICE_UNIT_ADDRESS
4:0
RW
—
Device address programmed by application.
1h
DEVICE_INFO
RSVD
15:8
RO
0h
Reserved. Do not change.
DEVICE_VERSION_ID
7:0
RO
—
Device Version Identifier.
2h
GPIO_CONTROL_
REG_0
RSVD
15:14
RW
0h
Reserved. Do not change.
GPIO1_IO_SELECT
13:13
RW
0h
GPIO1 Input/Output Select.
00b: Output
01b: Input
RSVD
12:11
RW
0h
Reserved. Do not change.
GPIO1_SELECT
10:7
RW
1h
GPIO1 Signal Selection
If GPIO1_IO_SELECT is set to 0:
0000b: LOS
0001b: LOCKED (default)
0010b: LBR_HBR
0011b: Reserved
0100b: Reserved
0101b: RATE_DET0
0110b: RATE_DET1
0111b: RATE_DET2
1000b: LOCKED_125M
1001b: LOCKED_270M
1010b: LOCKED_1G485
1011b: LOCKED_2G97
1100b: LOCKED_5G94
1101b: RATE_CHANGE
If GPIO1_IO_SELECT is set to 1:
0000b: DDO0_DISABLE
0001b: DDO1_DISABLE
GPIO0_IO_SELECT
6:6
RW
0h
GPIO0 Input/Output Select.
00b: Output
01b: Input
RSVD
5:4
RW
0h
Reserved. Do not change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com