Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 42 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 42 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 38Page - Semtech Corporation GS6151 Datasheet HTML 39Page - Semtech Corporation GS6151 Datasheet HTML 40Page - Semtech Corporation GS6151 Datasheet HTML 41Page - Semtech Corporation GS6151 Datasheet HTML 42Page - Semtech Corporation GS6151 Datasheet HTML 43Page - Semtech Corporation GS6151 Datasheet HTML 44Page - Semtech Corporation GS6151 Datasheet HTML 45Page - Semtech Corporation GS6151 Datasheet HTML 46Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
42 of 77
Semtech
Proprietary & Confidential
www.semtech.com
Figure 4-23: HEM Eye Width vs. Input Jitter
The eye scan state machine counts errors at each of the 128 phases to determine the
above eye parameters, returning a 1 in the appropriate bit of the bitmap for an error-free
measurement, and a 0 when an error has been detected. The length of each
measurement, SAMPLE_TIME, is determined by Equation 4-4 .
Equation 4-4
In Equation 4-4 , MEASUREMENT_PREDIVIDER and MEASUREMENT_TIME are bits of the
EYE_MON_CONTROL_REG_1 and EYE_MON_CONTROL_REG_2 registers, respectively.
By default MEASUREMENT_PREDIVIDER is set to 4x (bit value 0) and
MEASUREMENT_TIME is set to A8Bh yielding a default measurement time per phase of
100μs. The length of time to complete a full eye scan is then approximately 128 bits x
SAMPLE_TIME x 2 passes. Two passes are executed by the state machine when checking
arbitrary data to map the left and right portions of the eye separately.
The equivalent bit-error-rate is then defined as at least ERROR_THRESHOLD / (data rate
* SAMPLE_TIME) for phases with errors.
4.12.1.2 Single Timed Measurement
A manual timed measurement can be used to count the number of errors at a single
phase for a pre-defined length of time. The length of the measurement is defined by the
number of bit errors recorded is stored in the ERROR_COUNT bits of the
0
10
20
30
40
50
60
70
80
90
100
110
120
0.00
0.20
0.40
0.60
0.80
Jitter Amplitude (UI)
HEM Eye Width Measurement vs. Input Jitter
3G, HD Data
SAMPLE_TIME
MEASUREMENT_PREDIVIDER
MEASUREMENT_TIME
1
+
() 1 108MHz
()
⁄
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com