Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 6 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 2Page - Semtech Corporation GS6151 Datasheet HTML 3Page - Semtech Corporation GS6151 Datasheet HTML 4Page - Semtech Corporation GS6151 Datasheet HTML 5Page - Semtech Corporation GS6151 Datasheet HTML 6Page - Semtech Corporation GS6151 Datasheet HTML 7Page - Semtech Corporation GS6151 Datasheet HTML 8Page - Semtech Corporation GS6151 Datasheet HTML 9Page - Semtech Corporation GS6151 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
6 of 77
Semtech
Proprietary & Confidential
www.semtech.com
1.2 Pin Descriptions
Table 1-1: GS6151 Pin Descriptions
Pin Number
Name
Type
Description
1, 2
DDI0, DDI0
Input
Serial Digital Differential Input 0.
3
GND
Power
Input channel isolation. Connect to ground or leave unconnected.
4, 5
DDI1, DDI1
Input
Serial Digital Differential Input 1.
6GPIO0
Digital
Input/Output
Multi-function Control/Status Input/Output 0.
Signal options are:
LOS (output; default)
LOCKED
LBR_HBR
RATE_DET0
RATE_DET1
RATE_DET2
LOCKED_270M
LOCKED_1G485
LOCKED_2G97
LOCKED_5G94
RATE_CHANGE
DDO0_DISABLE
DDO1_DISABLE
This pin is configured using the GPIO0_SELECT and
GPIO0_IO_SELECT bits in the GPIO_CONTROL_REG_0 register.
7GPIO1
Digital
Input/Output
Multi-function Control/Status Input/Output 1.
Signal options are:
LOS
LOCKED (output; default)
LBR_HBR
RATE_DET0
RATE_DET1
RATE_DET2
LOCKED_270M
LOCKED_1G485
LOCKED_2G97
LOCKED_5G94
RATE_CHANGE
DDO0_DISABLE
DDO1_DISABLE
This pin is configured using the GPIO1_SELECT and
GPIO1_IO_SELECT bits in the GPIO_CONTROL_REG_0 register.
8
DDI_SEL/STROBE
Digital Input
Input selection control.
Used to select the high-speed input for processing through the
device. Refer to Table 4-2 for details on input selection.
9
XTAL_CLK_IN
Input
Reference Crystal Pin/27MHz clock input. Connect to an external
circuit as shown in Figure 6-1: GS6151 Typical Application Circuit or
to a digital clock source (XTAL_BUF_OUT of another GS6150, GS6151,
GS6152, or a 27MHz clock output from another device). Connect to
ground if operating referenceless.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com