Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 68 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 68 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 64Page - Semtech Corporation GS6151 Datasheet HTML 65Page - Semtech Corporation GS6151 Datasheet HTML 66Page - Semtech Corporation GS6151 Datasheet HTML 67Page - Semtech Corporation GS6151 Datasheet HTML 68Page - Semtech Corporation GS6151 Datasheet HTML 69Page - Semtech Corporation GS6151 Datasheet HTML 70Page - Semtech Corporation GS6151 Datasheet HTML 71Page - Semtech Corporation GS6151 Datasheet HTML 72Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
68 of 77
Semtech
Proprietary & Confidential
www.semtech.com
41h
PRBS_STATUS_
REG_0
RSVD
15:15
RO
0h
Reserved. Do not change.
PRBS_MON_
STARTING_
PHASE
14:8
RO
0h
Starting (leftmost) phase of
PRBS_MON_EYE_WIDTH in the most recent
scan.
This parameter only applies to automatic
(AUTO_SCAN_START) measurements.
PRBS_MON_EYE_WIDTH
7:0
RO
0h
Widest open portion of the eye in the most
recent scan, based on the
PRBS_MON_ERROR_COUNT indication.
The value of PRBS_MON_EYE_WIDTH is the
number of contiguous phases with
PRBS_MON_ERROR_COUNT less than or
equal to PRBS_MON_ERROR_THRESHOLD.
This parameter only applies to automatic
(AUTO_SCAN_START) measurements.
42h
PRBS_STATUS_
REG_1
PRBS_MON_ERROR_COUNT
15:0
RO
0h
Twice the PRBS error count from the most
recent manually timed
(MANUAL_SCAN_START) or continuous
(CONTINUOUS_SCAN_ENABLE) scan
measurements.
This value is not defined for automatic
(AUTO_SCAN_START) scan measurements
when a PRBS7 bit stream is input.
43h
RESERVED
RSVD
15:0
RO
0h
Reserved. Do not change.
44h
RESERVED
RSVD
15:0
RO
0h
Reserved. Do not change.
45h
RESERVED
RSVD
15:0
RO
0h
Reserved. Do not change.
46h
RESERVED
RSVD
15:0
RO
0h
Reserved. Do not change.
47h
RESERVED
RSVD
15:0
RO
0h
Reserved. Do not change.
48h
RESERVED
RSVD
15:0
RO
0h
Reserved. Do not change.
49h
RESERVED
RSVD
15:0
RO
0h
Reserved. Do not change.
4Ah
RESERVED
RSVD
15:0
RO
0h
Reserved. Do not change.
4Bh
PRBS_STATUS_
REG_11
RSVD
15:9
RO
0h
Reserved. Do not change.
PRBS_MON_NODATA
8:8
RO
0h
When HIGH, indicates that no data
transitions have been detected in the PRBS
checker since the PRBS_MON_NODATA_SET
was last set to 1.
RSVD
7:0
RO
0h
Reserved. Do not change.
Table 5-1: Register Descriptions - Standard Address Space (Continued)
Address Register Name
Parameter Name
Bit
Slice
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com