Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 59 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 59 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 55Page - Semtech Corporation GS6151 Datasheet HTML 56Page - Semtech Corporation GS6151 Datasheet HTML 57Page - Semtech Corporation GS6151 Datasheet HTML 58Page - Semtech Corporation GS6151 Datasheet HTML 59Page - Semtech Corporation GS6151 Datasheet HTML 60Page - Semtech Corporation GS6151 Datasheet HTML 61Page - Semtech Corporation GS6151 Datasheet HTML 62Page - Semtech Corporation GS6151 Datasheet HTML 63Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
59 of 77
Semtech
Proprietary & Confidential
www.semtech.com
23h
EYE_MON_
ENABLE
RSVD
15:2
RW
0h
Reserved. Do not change.
EYE_MON_PRBS_NODATA_
SET
1:1
RW
0h
When HIGH, sets a latch in the Input PRBS
checker (EYE_MON_PRBS_NODATA bit of
EYE_MON_STATUS_REG_12) HIGH. This bit
must be set LOW before checking the
EYE_MON_PRBS_NODATA bit. The
EYE_MON_PRBS_NODATA bit will then be
automatically set LOW if transitions are
detected.
HORIZONTAL_EYE_MON_
ENABLE
0:0
RW
0h
Enables the horizontal eye monitor.
00b: Horizontal Eye Monitor disabled
01b: Horizontal Eye Monitor enabled
24h
EYE_MON_SCAN
_START
RSVD
15:2
ROSW
0h
Reserved. Do not change.
MANUAL_SCAN_START
1:1
ROSW
0h
Writing a 1 to this bit triggers the start of a
manually timed horizontal eye scan using
the parameters defined in
EYE_MON_CONTROL_REG_[0:6] registers.
The bit then becomes read-only, and will be
reset to a value of 0 by the device to indicate
when the scan is complete.
AUTO_SCAN_START
0:0
ROSW
0h
Writing a 1 to this bit triggers the start of an
automatic horizontal eye scan using the
device’s default parameters.
The bit then becomes read-only, and will be
reset to a value of 0 by the device to indicate
when the scan is complete.
Table 5-1: Register Descriptions - Standard Address Space (Continued)
Address Register Name
Parameter Name
Bit
Slice
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com