Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 70 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 70 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 66Page - Semtech Corporation GS6151 Datasheet HTML 67Page - Semtech Corporation GS6151 Datasheet HTML 68Page - Semtech Corporation GS6151 Datasheet HTML 69Page - Semtech Corporation GS6151 Datasheet HTML 70Page - Semtech Corporation GS6151 Datasheet HTML 71Page - Semtech Corporation GS6151 Datasheet HTML 72Page - Semtech Corporation GS6151 Datasheet HTML 73Page - Semtech Corporation GS6151 Datasheet HTML 74Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
70 of 77
Semtech
Proprietary & Confidential
www.semtech.com
4Eh
RESERVED
RSVD
15:0
RW
110h
Reserved. Do not change.
4Fh
PLL_STATUS
RETIMER_BYPASS
15:15
RO
—
Indicates whether the re-timer is active or
bypassed.
00b: Re-timer is active
01b: Re-timer is bypassed
LBR_HBR
14:14
RO
—
Indicates high-bit-rate versus low-bit-rate.
00b: Input data rate is 5.94Gb/s,
2.97Gb/s, 1.485Gb/s, or BYPASS
01b: Input data rate is 270Mb/s or 125Mb/s
DETECTED_RATE
13:11
RO
—
Indicates the current rate found by the PLL
rate detection state machine.
000b: 0.125Gb/s
001b: 0.270Gb/s
010b: 1.485Gb/s
011b: 2.97Gb/s
100b: 5.94Gb/s
101b: Reserved
110b: Reserved
111b: Reserved
RSVD
10:10
RO
—
Reserved. Do not change.
LOCKED
9:9
RO
—
Indicates if the CDR is locked or unlocked.
00b: CDR is unlocked
01b: CDR is locked
LOS
8:8
RO
—
Indicates whether or not the CDR has lost
the signal.
00b: Signal is present
01b: Loss of signal
RSVD
7:0
RO
—
Reserved. Do not change.
Table 5-1: Register Descriptions - Standard Address Space (Continued)
Address Register Name
Parameter Name
Bit
Slice
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com