Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 7 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 3Page - Semtech Corporation GS6151 Datasheet HTML 4Page - Semtech Corporation GS6151 Datasheet HTML 5Page - Semtech Corporation GS6151 Datasheet HTML 6Page - Semtech Corporation GS6151 Datasheet HTML 7Page - Semtech Corporation GS6151 Datasheet HTML 8Page - Semtech Corporation GS6151 Datasheet HTML 9Page - Semtech Corporation GS6151 Datasheet HTML 10Page - Semtech Corporation GS6151 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
7 of 77
Semtech
Proprietary & Confidential
www.semtech.com
10
XTAL_CLK_OUT
Output
Reference Crystal Pin. Connect to a external circuit as shown in Figure
6-1: GS6151 Typical Application Circuit, or leave unconnected if
XTAL_CLK_IN is driven by an external clock source or is connected to
ground (referenceless).
11
XTAL_BUF_OUT
Output
Buffered clock reference output. Leave unconnected if not used to
drive 27MHz clock input of another device.
12
SDIN
Digital Input
Serial digital data input for the Gennum Serial Peripheral Interface
(GSPI) host control/status port.
Refer to 4.11 GSPI Host Interface for more detail
13
SDOUT
Digital
Output
Serial digital data output for the Gennum Serial Peripheral Interface
(GSPI) host control/status port.
Refer to 4.11 GSPI Host Interface for more detail
14
SCLK
Digital Input
Burst-mode clock input for the Gennum Serial Peripheral Interface
(GSPI) host control/status port.
Refer to 4.11 GSPI Host Interface for more detail
15
CS
Digital Input
Chip select input for the Gennum Serial Peripheral Interface (GSPI)
host control/status port.
Active-low input.
Refer to 4.11 GSPI Host Interface for more detail
16
VDD_DIG
Power
Most positive power supply for the internal logic
Connect to 1.8V.
17
VSS_DIG
Power
Most negative power supply for the internal logic
Connect to ground.
18, 19
DDO1, DDO1
Output
Differential serial data output 1.
20
VCC_DDO1
Power
Most positive power supply connection for the DDO1/DDO1 output
driver. Connect to any voltage between 1.2V and 2.5V.
21
VEE_DDO
Power
Most negative power supply connections for the output drivers.
Connect to ground.
22
VCC_DDO0
Power
Most positive power supply connection for the DDO0/DDO0 output
driver. Connect to any voltage between 1.2V and 2.5V.
23, 24
DDO0, DDO0
Output
Differential serial data output 0.
25
VCO_DFT_FILT
Power
Decoupling
Connect through decoupling capacitor to ground.
26
VCC_DFT
Power
Connect to 1.8V.
27
VEE_DFT
Power
Connect to ground.
28
LF+
Passive
Connect to LF– through CLF
Refer to Figure 6-1: GS6151 Typical Application Circuit.
29
LF–
Passive
Connect to LF+ through CLF
Refer to Figure 6-1: GS6151 Typical Application Circuit.
Table 1-1: GS6151 Pin Descriptions (Continued)
Pin Number
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com