Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS6151 Datasheet(PDF) 24 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 24 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 20Page - Semtech Corporation GS6151 Datasheet HTML 21Page - Semtech Corporation GS6151 Datasheet HTML 22Page - Semtech Corporation GS6151 Datasheet HTML 23Page - Semtech Corporation GS6151 Datasheet HTML 24Page - Semtech Corporation GS6151 Datasheet HTML 25Page - Semtech Corporation GS6151 Datasheet HTML 26Page - Semtech Corporation GS6151 Datasheet HTML 27Page - Semtech Corporation GS6151 Datasheet HTML 28Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
24 of 77
Semtech
Proprietary & Confidential
www.semtech.com
4.5.4 Output De-emphasis
The GS6151 features adjustable output de-emphasis to compensate for PCB dielectric
trace loss. Each output can be independently set to a different de-emphasis setting for
each detected rate through controls found in the DRIVER_CONTROL_REG_1 and
DRIVER_CONTROL_REG_2 registers.
The effect of de-emphasis, illustrated in Figure 4-3, is to attenuate the swing of bits that
do not follow a bit transition (VDE). The swing of bits that do follow a bit transition (Vnom)
is set by the output swing registers found in Section 4.5.3 and do not depend on the
de-emphasis settings.
Figure 4-3: De-emphasis Waveform
The default de-emphasis settings for each rate are given in the register descriptions for
DRIVER_CONTROL_REG_1 and DRIVER_CONTROL_REG_2 in Table 5-1. De-emphasis is
disabled on both outputs in Bypass mode, when the output is muted, or when the
device is not locked.
1101b
630
840
1050
mV
1110b
670
890
1110
mV
1111b
700
930
1160
mV
Note:
1. Applicable registers that can be programmed with the values shown above are DDO0_SWING_1G485,
DDO0_SWING_270M, DDO0_SWING_125M, DDO0_SWING_BYPASS, DDO0_SWING_MUTE,
DDO0_SWING_5G94, DDO0_SWING_2G97, DDO1_SWING_1G485, DDO1_SWING_270M,
DDO1_SWING_125M, DDO1_SWING_BYPASS, DDO1_SWING_MUTE, DDO1_SWING_5G94, and
DDO1_SWING_2G97
Table 4-4: Serial Digital Output Swing Settings (Continued)
Register Setting
(See Note 1)
Min
Typ
Max
Units
Nominal
Swing (V
nom)
De-emphasized
Swing (V
DE)
De-emphasis = 20 x log
10(Vnom / VDE)
0
Data Pattern
111
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com